์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MB91101 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Fujitsu Component Limited.

๋ถ€ํ’ˆ๋ช… MB91101
์ƒ์„ธ๋‚ด์šฉ  32-bit RISC Microcontroller CMOS
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  FUJITSU [Fujitsu Component Limited.]
ํ™ˆํŽ˜์ด์ง€  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB91101 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
/ 99 page
 1 / 99 page
background image
DS07-16301-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
32-bit RISC Microcontroller
CMOS
FR30 MB91101 Series
MB91101/MB91101A
s
s
s
s DESCRIPTION
The MB91101 and MB91101A are a standard single-chip microcontroller constructed around the 32-bit RISC
CPU (FR* family) core with abundant I/O resources and bus control functions optimized for high-performance/
high-speed CPU processing for embedded controller applications. To support the vast memory space accessed
by the 32-bit CPU, the MB91101 and MB91101A normally operate in the external bus access mode and executes
instructions on the internal 1 Kbyte cache memory and 2 Kbytes RAM for enhanced performance.
The MB91101 and MB91101A are optimized for applications requiring high-performance CPU processing such
as navigation systems, high-performance FAXs and printer controllers.
*: FR Family stands for FUJITSU RISC controller.
s
s
s
s FEATURES
FR CPU
โ€ข 32-bit RISC, load/store architecture, 5-stage pipeline
โ€ข Operating clock frequency: Internal 50 MHz/external 25 MHz (PLL used at source oscillation 12.5 MHz)
โ€ข General purpose registers: 32 bits
ร— 16
โ€ข 16-bit fixed length instructions (basic instructions), 1 instruction/1 cycle
โ€ข Memory to memory transfer, bit processing, barrel shifter processing: Optimized for embedded applications
โ€ข Function entrance/exit instructions, multiple load/store instructions of register contents, instruction systems
supporting high level languages
(Continued)
s
s
s
s PACKAGES
100-pin Plastic LQFP
100-pin Plastic QFP
(FPT-100P-M05)
(FPT-100P-M06)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
MB9112132-bit RISC Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9110732-bit RISC Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
TMP47P440VNCMOS 4-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
TMP87PP23CMOS 8-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
TMP86PM47AUGCMOS 8-Bit Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor
TMP87C840NCMOS 8-Bit Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor
TMP87PP21FCMOS 8-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
TMP86PM47UCMOS 8-Bit Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn