전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB91101 데이터시트(PDF) 26 Page - Fujitsu Component Limited.

부품명 MB91101
상세설명  32-bit RISC Microcontroller CMOS
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91101 데이터시트(HTML) 26 Page - Fujitsu Component Limited.

Back Button MB91101 Datasheet HTML 22Page - Fujitsu Component Limited. MB91101 Datasheet HTML 23Page - Fujitsu Component Limited. MB91101 Datasheet HTML 24Page - Fujitsu Component Limited. MB91101 Datasheet HTML 25Page - Fujitsu Component Limited. MB91101 Datasheet HTML 26Page - Fujitsu Component Limited. MB91101 Datasheet HTML 27Page - Fujitsu Component Limited. MB91101 Datasheet HTML 28Page - Fujitsu Component Limited. MB91101 Datasheet HTML 29Page - Fujitsu Component Limited. MB91101 Datasheet HTML 30Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 99 page
background image
MB91101/MB91101A
26
(Continued)
Address
Abbreviation
Register name
Read/write
Initial value
0078H
UTIM0/UTIMR0
U-TIMER register ch. 0/reload register ch. 0
R/W
0 0 0 0 0 0 0 0B
0079H
0 0 0 0 0 0 0 0B
007AH
(Reserved)
007BH
UTIMC0
U-TIMER control register ch. 0
R/W
0 _ _ 0 0 0 0 1B
007CH
UTIM1/UTIMR1
U-TIMER register ch. 1/reload register ch. 1
R/W
0 0 0 0 0 0 0 0B
007DH
0 0 0 0 0 0 0 0B
007EH
(Reserved)
007FH
UTIMC1
U-TIMER control register ch. 1
R/W
0 _ _ 0 0 0 0 1B
0080H
UTIM2/UTIMR2
U-TIMER register ch. 2/reload register ch. 2
R/W
0 0 0 0 0 0 0 0B
0081H
0 0 0 0 0 0 0 0B
0082H
(Reserved)
0083H
UTIMC2
U-TIMER control register ch. 2
R/W
0 _ _ 0 0 0 0 1B
0084H
to
0093H
(Reserved)
0094H
EIRR
External interrupt cause register
R/W
0 0 0 0 0 0 0 0B
0095H
ENIR
Interrupt enable register
R/W
0 0 0 0 0 0 0 0B
0096H
to
0098H
(Reserved)
0099H
ELVR
External interrupt request level setting regis-
ter
R/W
0 0 0 0 0 0 0 0B
009AH
to
00D1H
(Reserved)
00D2H
DDRE
Port E data direction register
W
0 0 0 0 0 0 0 0B
00D3H
DDRF
Port F data direction register
W
0 0 0 0 0 0 0 0B
00D4H
to
00DBH
(Reserved)
00DCH
GCN1
General control register 1
R/W
0 0 1 1 0 0 1 0B
00DDH
0 0 0 1 0 0 0 0B
00DEH
(Reserved)
00DFH
GCN2
General control register 2
R/W
0 0 0 0 0 0 0 0B


유사한 부품 번호 - MB91101

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91106PF FUJITSU-MB91106PF Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91106PFV FUJITSU-MB91106PFV Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
MB91107PFV FUJITSU-MB91107PFV Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
More results

유사한 설명 - MB91101

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
MB91121 FUJITSU-MB91121 Datasheet
1Mb / 97P
   32-bit RISC Microcontroller CMOS
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
   32-BIT RISC MICROCONTROLLER
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
logo
Fujitsu Component Limit...
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
   32-Bit RISC Microcontroller
MB91133 FUJITSU-MB91133 Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
logo
Sanyo Semicon Device
LC680100A SANYO-LC680100A Datasheet
894Kb / 16P
   32-Bit RISC Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com