전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MB91101 데이터시트(HTML) 3 Page - Fujitsu Component Limited.

부품명 MB91101
상세내용  32-bit RISC Microcontroller CMOS
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB91101 데이터시트(HTML) 3 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
/ 99 page
 3 / 99 page
background image
MB91101/MB91101A
3
(Continued)
10-bit A/D converter (successive approximation conversion type)
• 10-bit resolution, 4 channels
• Successive approximation type: Conversion time of 5.6
µs at 25 MHz
• Internal sample and hold circuit
• Conversion mode: Single conversion/scanning conversion/repeated conversion/stop conversion selective
• Start: Software/external trigger/internal timer selective
16-bit reload timer
• 3 channels
• Internal clock: 2 clock cycle resolution, divide by 2/8/32 selective
Other interval timers
• 16-bit timer: 3 channels (U-TIMER)
• PWM timer: 4 channels
• Watchdog timer: 1 channel
Bit search module
First bit transition “1” or “0” from MSB can be detected in 1 cycle.
Interrupt controller
• External interrupt input: Non-maskable interrupt (NMI), normal interrupt
× 4 (INT0 to INT3)
• Internal interrupt incident:UART, DMA controller (DMAC), A/D converter, U-TIMER and delayed interrupt
module
• Priority levels of interrupts are programmable except for non-maskable interrupt (in 16 steps).
Others
• Reset cause: Power-on reset/hardware standby/watchdog timer/software reset/external reset
• Low-power consumption mode: Sleep mode/stop mode
• Clock control
Gear function: Operating clocks for CPU and peripherals are independently selective.
Gear clock can be selected from 1/1, 1/2, 1/4 and 1/8 (or 1/2, 1/4, 1/8 and 1/16).
However, operating frequency for peripherals is less than 25 MHz.
• Packages: LQFP-100 and QFP-100
• CMOS technology (0.35
µm)
• Power supply voltage
5 V: CPU power supply 5.0 V
±10% (internal regulator)
A/D power supply
2.7 V to 3.6 V
3 V: CPU power supply 2.7 V to 3.6 V (without internal regulator)
A/D power supply
2.7 V to 3.6 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
MB9112132-bit RISC Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9110732-bit RISC Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
TMP47P440VNCMOS 4-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
TMP87PP23CMOS 8-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
TMP86PM47AUGCMOS 8-Bit Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor
TMP87C840NCMOS 8-Bit Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor
TMP87PP21FCMOS 8-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
TMP86PM47UCMOS 8-Bit Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn