전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB91107 데이터시트(PDF) 2 Page - Fujitsu Component Limited.

부품명 MB91107
상세설명  32-bit RISC Microcontroller CMOS
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91107 데이터시트(HTML) 2 Page - Fujitsu Component Limited.

  MB91107 Datasheet HTML 1Page - Fujitsu Component Limited. MB91107 Datasheet HTML 2Page - Fujitsu Component Limited. MB91107 Datasheet HTML 3Page - Fujitsu Component Limited. MB91107 Datasheet HTML 4Page - Fujitsu Component Limited. MB91107 Datasheet HTML 5Page - Fujitsu Component Limited. MB91107 Datasheet HTML 6Page - Fujitsu Component Limited. MB91107 Datasheet HTML 7Page - Fujitsu Component Limited. MB91107 Datasheet HTML 8Page - Fujitsu Component Limited. MB91107 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
MB91107/108
2
• Function entrance/exit instructions, multiple load/store instructions of register contents, instruction systems
supporting high level languages
• Register interlock functions, efficient assembly language coding
• Branch instructions with delay slots: Reduced overhead time in branch executions
• Internal multiplier/supported at instruction level
Signed 32-bit multiplication: 5 cycles
Signed 16-bit multiplication: 3 cycles
• Interrupt (push PC and PS): 6 cycles, 16 priority levels
Bus interface
• Clock doubler: Internal 50 MHz, external bus 25 MHz operation
• 25-bit address bus (32 Mbytes memory space)
• 8/16-bit data bus
• Basic external bus cycle: 2 clock cycles
• Chip select outputs for setting down to a minimum memory block size of 64 Kbytes: 8
• Interface supported for various memory technologies
DRAM interface (area 4 and 5)
• Automatic wait cycle insertion: Flexible setting, from 0 to 7 for each area
• Unused data/address pins can be configured us input/output ports
• Little endian mode supported (Select 1 area from area 1 to 5)
DRAM interface
• 2 banks independent control (area 4 and 5)
• Double CAS DRAM (normal DRAM I/F) / Single CAS DRAM / Hyper DRAM
• Basic bus cycle: Normally 5 cycles, 2-cycle access possible in high-speed page mode
• Programmable waveform: Automatic 1-cycle wait insertion to RAS and CAS cycles
•DRAM refresh
CBR refresh (interval time configurable by 6-bit timer)
Self-refresh mode
• Supports 8/9/10/12-bit column address width
• 2CAS/1WE, 2WE/1CAS selective
Cache memory
• 1-Kbyte instruction cache memory
• 2 way set associative
• 32 block/way, 4 entry(4 word)/block
• Lock function: For specific program code to be resident in cache memory
DMAC (DMA controller)
• 8 channels
• Transfer incident/external pins/internal resource interrupt requests
• Transfer sequence: Step transfer/block transfer/burst transfer/continuous transfer
• Transfer data length: 8 bits/16 bits/32 bits selective
• NMI/interrupt request enables temporary stop operation
UART
• 3 independent channels
• Full-duplex double buffer
• Data length: 7 bits to 9 bits (non-parity), 6 bits to 8 bits (parity)
• Asynchronous (start-stop system), CLK-synchronized communication selective
• Multi-processor mode
• Internal 16-bit timer (U-TIMER) operating as a proprietary baud rate generator: Generates any given baud rate
• Use external clock can be used as a transfer clock
• Error detection: Parity, frame, overrun
(Continued)


유사한 부품 번호 - MB91107

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91101A FUJITSU-MB91101A Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91101APF FUJITSU-MB91101APF Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91101APFV FUJITSU-MB91101APFV Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
More results

유사한 설명 - MB91107

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91121 FUJITSU-MB91121 Datasheet
1Mb / 97P
   32-bit RISC Microcontroller CMOS
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
   32-BIT RISC MICROCONTROLLER
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
logo
Fujitsu Component Limit...
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
   32-Bit RISC Microcontroller
MB91133 FUJITSU-MB91133 Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
logo
Sanyo Semicon Device
LC680100A SANYO-LC680100A Datasheet
894Kb / 16P
   32-Bit RISC Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com