전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS36SE4K9 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SMS36SE4K9
상세설명  Boardmount Qikmate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SMS36SE4K9 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SMS36SE4K9 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMS36SE4K9 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMS36SE4K9 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMS36SE4K9 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
90
SMS – Boardmount Qikmate
Straight boardmount with female contacts (SMS--GE3 / SMS--SE3K9)
Part number
Part number
Number of
Number of
A
B
C
D
E
Solid machined
Stamped and
contact pos.
discrimination
contacts
formed contacts
pos.
SMS2GE3
SMS2SE3K9
2
0
11.0
-
19.1
SMS3GE3
SMS3SE3K9
3
0
16.2
14.0
10.2
5.9
SMS4GE3
SMS4SE3K9
4
0
21.3
15.2
SMS6GE3
SMS6SE3K9
6
0
19.2
10.9
SMS9GE3
SMS9SE3K9
9
4
24.2
16.0
SMS12GE3
SMS12SE3K9
12
0
16.2
29.2
10.2
13.4
21.1
SMS15GE3
SMS15SE3K9
15
8
34.3
26.1
SMS18GE3
SMS18SE3K9
18
10
39.4
31.2
SMS24GE3
SMS24SE3K9
24
0
21.2
15.2
SMS36GE3
SMS36SE3K9
36
0
46.5
15.2
54.6
20.9
For other platings: see plating table
Straight boardmount with male contacts (SMS--GE4 / SMS--SE4K9)
Part number
Part number
Number of
Number of
A
B
C
D
E
Solid machined
Stamped and
contact pos.
discrimination
contacts
formed contacts
pos.
SMS2GE4
SMS2SE4K9
2
0
11.1
-
19.1
SMS3GE4
SMS3SE4K9
3
0
16.2
14.0
10.2
5.9
SMS4GE4
SMS4SE4K9
4
0
21.3
15.2
SMS6GE4
SMS6SE4K9
6
0
19.2
10.9
SMS9GE4
SMS9SE4K9
9
4
24.2
16.0
SMS12GE4
SMS12SE4K9
12
0
16.2
29.2
10.2
13.4
21.1
SMS15GE4
SMS15SE4K9
15
8
34.3
26.1
SMS18GE4
SMS18SE4K9
18
10
39.4
31.2
SMS24GE4
SMS24SE4K9
24
0
21.2
15.2
SMS36GE4
SMS36SE4K9
36
0
46.5
15.2
54.6
20.9
For other platings: see plating table


유사한 부품 번호 - SMS36SE4K9

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMS36SE4K9 ETC2-SMS36SE4K9 Datasheet
430Kb / 16P
   Quick mating panel and cable connectors
More results

유사한 설명 - SMS36SE4K9

제조업체부품명데이터시트상세설명
logo
3M Electronics
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
   3M??Boardmount Socket
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
   3M??Boardmount Socket
7164 3M-7164 Datasheet
33Kb / 2P
   Inverse DIN 41612 Boardmount Socket
8510-4500JL 3M-8510-4500JL Datasheet
34Kb / 2P
   .100,  .100, Polarized Boardmount Socket
SBR-RA-29-S 3M-SBR-RA-29-S Datasheet
865Kb / 4P
   Boardmount Right Angle, Through-Hole Receptacle
37204-62B3-004PL 3M-37204-62B3-004PL Datasheet
1Mb / 6P
   3M??Mini-Clamp Socket 2 mm Boardmount, Straight Solder Tails
N10226-5212PC 3M-N10226-5212PC Datasheet
399Kb / 6P
   3M??Mini D Ribbon (MDR) Connectors .050??Boardmount Thru-Hole Right Angle Receptacle-Shielded
N10250-52E2PC 3M-N10250-52E2PC Datasheet
410Kb / 6P
   3M??Mini D Ribbon (MDR) Connectors .050??Boardmount Thru-Hole Right Angle Receptacle-Shielded
451 3M-451 Datasheet
376Kb / 9P
   3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
Rev F
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com