전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

V-16-1C2L5 데이터시트(PDF) 3 Page - Omron Electronics LLC

부품명 V-16-1C2L5
상세설명  Snap Action Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-16-1C2L5 데이터시트(HTML) 3 Page - Omron Electronics LLC

  V-16-1C2L5 Datasheet HTML 1Page - Omron Electronics LLC V-16-1C2L5 Datasheet HTML 2Page - Omron Electronics LLC V-16-1C2L5 Datasheet HTML 3Page - Omron Electronics LLC V-16-1C2L5 Datasheet HTML 4Page - Omron Electronics LLC V-16-1C2L5 Datasheet HTML 5Page - Omron Electronics LLC V-16-1C2L5 Datasheet HTML 6Page - Omron Electronics LLC V-16-1C2L5 Datasheet HTML 7Page - Omron Electronics LLC V-16-1C2L5 Datasheet HTML 8Page - Omron Electronics LLC V-16-1C2L5 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Snap Action Switch
V
123
16 A (OF: 200 gf)
11 A (OF: 100 gf)
Note: 1. Add “G” to the part number in the appropriate location to obtain a 0.5 mm contact gap. Add “-K” to the part number in the appropriate
location to obtain 2.9 mm mounting holes. Examples: 1) V-16G3-1C25-K 2) V-11G-1A4-K
2. Not all combinations are available. Consult Omron regarding nomenclature combinations and part numbers not found in this datasheet.
Common
terminal
position
Contact
form
Terminal style Actuator
Bottom
SPDT
A
V-16-1A5
V-16-1AR5
V-16-1AL5
C2
V-16-1C25
V-16-1C2R5
V-16-1C2L5
C
V-16-1C5
- - -
- - -
SPST-NCA
V-16-2A5
V-16-2AR5
V-16-2AL5
C2
V-16-2C25
V-16-2C2R5
V-16-2C2L5
C
V-16-2C5
- - -
- - -
SPST-NOA
V-16-3A5
V-16-3AR5
V-16-3AL5
C2
V-16-3C25
V-16-3C2R5
V-16-3C2L5
C
V-16-3C5
- - -
- - -
SPDT
A
V-161-1A5
V-161-1AR5
V-161-1AL5
C2
V-161-1C25
V-161-1C2R5
V-161-1C2L5
C
V-161-1C5
- - -
- - -
A
V-162-1A5
V-162-1AR5
V-162-1AL5
C2
V-162-1C25
V-162-1C2R5
V-162-1C2L5
C
V-162-1C5
- - -
- - -
A
V-163-1A5
V-163-1AR5
V-163-1AL5
C2
V-163-1C25
V-163-1C2R5
V-163-1C2L5
C
V-163-1C5
- - -
- - -
A
V-164-1A5
V-164-1AR5
V-164-1AL5
C2
V-164-1C25
V-164-1C2R5
V-164-1C2L5
C
V-164-1C5
- - -
- - -
A
V-165-1A5
V-165-1AR5
V-165-1AL5
C2
V-165-1C25
V-165-1C2R5
V-165-1C2L5
C
V-165-1C5
- - -
- - -
A
V-166-1A5
V-166-1AR5
V-166-1AL5
C2
V-166-1C25
V-166-1C2R5
V-166-1C2L5
C
V-166-1C5
- - -
- - -
Without barrier
Without barrier
Right-hand barrier
Left-hand barrier
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever
Common
terminal
position
Contact form
Terminal style
Actuator
Bottom
SPDT
A
V-11-1A4
C2
V-11-1C24
C
V-11-1C4
A
V-111-1A4
C2
V-111-1C24
C
V-111-1C4
A
V-112-1A4
C2
V-112-1C24
C
V-112-1C4
A
V-113-1A4
C2
V-113-1C24
C
V-113-1C4
A
V-114-1A4
C2
V-114-1C24
C
V-114-1C4
A
V-115-1A4
C2
V-115-1C24
C
V-115-1C4
A
V-116-1A4
C2
V-116-1C24
C
V-116-1C4
Without barrier
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever


유사한 부품 번호 - V-16-1C2L5

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
V-16-1C2L5 OMRON-V-16-1C2L5 Datasheet
1Mb / 16P
   Snap Action Switch
V-16-1C2L5 OMRON-V-16-1C2L5 Datasheet
1Mb / 16P
   Snap Action Switch
More results

유사한 설명 - V-16-1C2L5

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com