전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A3154 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TS5A3154
상세설명  0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3154 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TS5A3154 Datasheet HTML 5Page - Texas Instruments TS5A3154 Datasheet HTML 6Page - Texas Instruments TS5A3154 Datasheet HTML 7Page - Texas Instruments TS5A3154 Datasheet HTML 8Page - Texas Instruments TS5A3154 Datasheet HTML 9Page - Texas Instruments TS5A3154 Datasheet HTML 10Page - Texas Instruments TS5A3154 Datasheet HTML 11Page - Texas Instruments TS5A3154 Datasheet HTML 12Page - Texas Instruments TS5A3154 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TS5A3154
www.ti.com
SCDS191C
– MARCH 2005 – REVISED FEBRUARY 2012
Electrical Characteristics for 2.5-V Supply
(1)
(continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
2.5 V
4
7.0
11.5
Turn-on time,
VCOM = V+,
CL = 35 pF,
tON
ns
2.3 V to
IN or OE
RL = 50 Ω,
See Figure 17
Full
3.5
12
2.7 V
25
°C
2.5 V
5
11.5
18.5
Turn-off time,
VCOM = V+,
CL = 35 pF,
tOFF
ns
2.3 V to
IN or OE
RL = 50 Ω,
See Figure 17
Full
4
21
2.7 V
25
°C
2.5 V
4
6.3
15
Make-before-
VCOM = V+,
CL = 35 pF,
tMBB
ns
2.3 V to
break time
RL = 50 Ω,
See Figure 18
Full
4
16
2.7 V
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25
°C
2.5 V
7
pC
RGEN = 0,
See Figure 22
NC, NO
CNC(OFF),
Switch OFF,
OFF
VNC or VNO = V+ or GND,
25
°C
2.5 V
19
pF
CNO(OFF)
See Figure 16
capacitance
NC, NO
CNC(ON),
Switch ON,
ON
VNC or VNO = V+ or GND,
25
°C
2.5 V
57
pF
CNO(ON)
See Figure 16
capacitance
COM OFF
Switch ON,
CCOM(OFF)
VCOM = V+ or GND,
25
°C
2.5 V
36
pF
capacitance
See Figure 16
COM ON
Switch ON,
CCOM(ON)
VCOM = V+ or GND,
25
°C
2.5 V
57
pF
capacitance
See Figure 16
Digital input
CI
VI = V+ or GND,
See Figure 16
25
°C
2.5 V
2
pF
capacitance
Switch ON,
Bandwidth
BW
RL = 50 Ω,
25
°C
2.5 V
100
MHz
See Figure 19
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
2.5 V
–64
dB
f = 1 MHz,
See Figure 20
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C
2.5 V
–64
dB
f = 1 MHz,
See Figure 21
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25
°C
2.5 V
0.020
%
distortion
CL = 50 pF,
See Figure 23
Supply
25
°C
0.001
0.05
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
2.7 V
μA
current
Full
0.15
Copyright
© 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TS5A3154


유사한 부품 번호 - TS5A3154

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3154 TI-TS5A3154 Datasheet
286Kb / 22P
[Old version datasheet]   0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCTRE6 TI-TS5A3154DCTRE6 Datasheet
286Kb / 22P
[Old version datasheet]   0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCUR TI-TS5A3154DCUR Datasheet
286Kb / 22P
[Old version datasheet]   0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCUR TI-TS5A3154DCUR Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - TS5A3154

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154 Datasheet
286Kb / 22P
[Old version datasheet]   0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI-TS5A23160_09 Datasheet
543Kb / 25P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com