전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A2066 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TS5A2066
상세설명  DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A2066 데이터시트(HTML) 4 Page - Texas Instruments

  TS5A2066_14 Datasheet HTML 1Page - Texas Instruments TS5A2066_14 Datasheet HTML 2Page - Texas Instruments TS5A2066_14 Datasheet HTML 3Page - Texas Instruments TS5A2066_14 Datasheet HTML 4Page - Texas Instruments TS5A2066_14 Datasheet HTML 5Page - Texas Instruments TS5A2066_14 Datasheet HTML 6Page - Texas Instruments TS5A2066_14 Datasheet HTML 7Page - Texas Instruments TS5A2066_14 Datasheet HTML 8Page - Texas Instruments TS5A2066_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TS5A2066
SCDS184D – JANUARY 2005 – REVISED APRIL 2010
www.ti.com
Electrical Characteristics for 5-V Supply
(1)
(continued)
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
5 V
4.4
5.2
5.8
VCOM = 3 V,
CL = 35 pF,
Turn-on time
tON
ns
4.5 V to
RL = 300 Ω,
See Figure 17
Full
3.4
6.1
5.5 V
25°C
5 V
1.7
2.6
3.6
VCOM = 3 V,
CL = 35 pF,
Turn-off time
tOFF
ns
4.5 V to
RL = 300 Ω,
See Figure 17
Full
1.3
4.2
5.5 V
VGEN = 0,
CL = 0.1 nF,
Charge injection
QC
25°C
5 V
1
pC
RGEN = 0,
See Figure 21
NO
VNO = V+ or GND,
CNO(OFF)
See Figure 16
25°C
5 V
5.5
pF
OFF capacitance
Switch OFF,
COM
VCOM = V+ or GND,
CCOM(OFF)
See Figure 16
25°C
5 V
5.5
pF
OFF capacitance
Switch OFF,
NO
VNO = V+ or GND,
CNO(ON)
See Figure 16
25°C
5 V
13.5
pF
ON capacitance
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 16
25°C
5 V
13.5
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25°C
5 V
2.5
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 18
25°C
5 V
300
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
5 V
–68
dB
f = 10 MHz,
See Figure 19
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
5 V
–66
dB
f = 10 MHz,
See Figure 20
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
5 V
0.01
%
distortion
CL = 50 pF,
See Figure 22
Supply
25°C
0.1
1
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
5.5 V
mA
current
Full
5
4
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): TS5A2066


유사한 부품 번호 - TS5A2066_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A2066 TI-TS5A2066_10 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_15 Datasheet
928Kb / 30P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
More results

유사한 설명 - TS5A2066_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A2066 TI-TS5A2066_10 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_15 Datasheet
928Kb / 30P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066 Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
STMicroelectronics
STG4210 STMICROELECTRONICS-STG4210 Datasheet
409Kb / 21P
   Low voltage 1 廓 dual SPST analog switch
August 2008 Rev 1
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_V01 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
DG2737 VISHAY-DG2737_V01 Datasheet
189Kb / 10P
   6-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com