전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM193-N 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM193-N
상세설명  LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM193-N 데이터시트(HTML) 4 Page - Texas Instruments

  LM193-N_14 Datasheet HTML 1Page - Texas Instruments LM193-N_14 Datasheet HTML 2Page - Texas Instruments LM193-N_14 Datasheet HTML 3Page - Texas Instruments LM193-N_14 Datasheet HTML 4Page - Texas Instruments LM193-N_14 Datasheet HTML 5Page - Texas Instruments LM193-N_14 Datasheet HTML 6Page - Texas Instruments LM193-N_14 Datasheet HTML 7Page - Texas Instruments LM193-N_14 Datasheet HTML 8Page - Texas Instruments LM193-N_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
SNOSBJ6E – OCTOBER 1999 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(V
+=5V, T
A = 25°C, unless otherwise stated)
LM193A
Parameter
Test Conditions
Units
Min
Typ
Max
Input Offset Voltage
(1)
1.0
2.0
mV
Input Bias Current
IIN(+) or IIN(−) with Output In Linear
25
100
nA
Range, VCM = 0V
(2)
Input Offset Current
IIN(+)−IIN(−) VCM = 0V
3.0
25
nA
Input Common Mode Voltage Range
V+ = 30V (3)
0
V+
−1.5
V
Supply Current
RL=∞
V+=5V
0.4
1
mA
V+=36V
1
2.5
mA
Voltage Gain
RL≥15 kΩ, V
+=15V
50
200
V/mV
VO = 1V to 11V
Large Signal Response Time
VIN=TTL Logic Swing, VREF=1.4V
300
ns
VRL=5V, RL=5.1 kΩ
Response Time
VRL=5V, RL=5.1 kΩ
(4)
1.3
μs
Output Sink Current
VIN(−)=1V, VIN(+)=0, VO≈1.5V
6.0
16
mA
Saturation Voltage
VIN(−)=1V, VIN(+)=0, ISINK≤4 mA
250
400
mV
Output Leakage Current
VIN(−)=0, VIN(+)=1V, VO=5V
0.1
nA
(1)
At output switch point, VO≃1.4V, RS=0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+−1.5V), at 25°C.
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(3)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is V+
−1.5V at 25°C, but either or both inputs can go to 36V without damage, independent of the
magnitude of V+.
(4)
The response time specified is for a 100 mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be obtained, see
Typical Performance Characteristics.
Electrical Characteristics
(V
+=5V, T
A = 25°C, unless otherwise stated)
LM193
LM293, LM393
LM2903
Parameter
Test Conditions
Units
Min Typ
Max
Min Typ
Max
Min Typ
Max
Input Offset Voltage
(1)
1.0
5.0
1.0
5.0
2.0
7.0
mV
Input Bias Current
IIN(+) or IIN(−) with Output In
25
100
25
250
25
250
nA
Linear Range, VCM = 0V
(2)
Input Offset Current
IIN(+)−IIN(−) VCM = 0V
3.0
25
5.0
50
5.0
50
nA
Input Common Mode
V+ = 30V (3)
0
V+
−1.5
0
V+
−1.5
0
V+
−1.5
V
Voltage Range
Supply Current
RL=∞
V+=5V
0.4
1
0.4
1
0.4
1.0
mA
V+=36V
1
2.5
1
2.5
1
2.5
mA
Voltage Gain
RL≥15 kΩ, V
+=15V
50
200
50
200
25
100
V/mV
VO = 1V to 11V
Large Signal Response
VIN=TTL Logic Swing, VREF=1.4V
300
300
300
ns
Time
VRL=5V, RL=5.1 kΩ
Response Time
VRL=5V, RL=5.1 kΩ
(4)
1.3
1.3
1.5
μs
Output Sink Current
VIN(−)=1V, VIN(+)=0, VO≤1.5V
6.0
16
6.0
16
6.0
16
mA
Saturation Voltage
VIN(−)=1V, VIN(+)=0, ISINK≤4 mA
250
400
250
400
250
400
mV
Output Leakage Current
VIN(−)=0, VIN(+)=1V, VO=5V
0.1
0.1
0.1
nA
(1)
At output switch point, VO≃1.4V, RS=0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+−1.5V), at 25°C.
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(3)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is V+
−1.5V at 25°C, but either or both inputs can go to 36V without damage, independent of the
magnitude of V+.
(4)
The response time specified is for a 100 mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be obtained, see
Typical Performance Characteristics.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


유사한 부품 번호 - LM193-N_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
More results

유사한 설명 - LM193-N_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM193-N TI1-LM193-N Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393MX_NOPB TI1-LM393MX_NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393-N TI-LM393-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393B TI-LM393B_V01 Datasheet
2Mb / 50P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM193 TI1-LM193_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM193 TI1-LM193_V02 Datasheet
1Mb / 46P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM393B TI-LM393B Datasheet
2Mb / 49P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM393B TI-LM393B_V02 Datasheet
3Mb / 55P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com