전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA11J01 데이터시트(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

부품명 SA11J01
상세설명  Fade conrtol for popular type audio mixers, musical keyboards
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
홈페이지  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SA11J01 데이터시트(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  SA11J01_14 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model(型號):
ROTARY POTENTIOMETER---------S[X][X]A11J01
►Download PDF file
Features:(特點):
Excellent operational feeling;Clear click feeling for heat controllers Smooth and wet
slide feeling for electronic musical instruments Low noise ,long operational
life ,highly accurate attenuation
Applications(作用):
Fade conrtol for popular type audio mixers, musical keyboards
Heat control or mose switching for car air conditioners
Measurement instruments
Dimensions(規格圖 ):
Specifications( 規格)
Electrical Characteristics [ 電氣性能 ]
Total resistance [ 全阻抗值 ]
100Ω ~1MΩ
Total resistance tolerance [ 全阻抗值容許差 ]
±20%
Ratings power(w) [ 額定功率 ]
Travel 20mm B Single 0.1W,Dual 0.05W
Except B single 0.05W,Dual
0.025W
Resistance taper [ 阻抗變化特性 ]
A,B,*C,D,W
Residual resistance(1-2/2-3)
[ 殘留阻值]
Ra<=1KΩ
10KΩ<Ra<=100KΩ
100KΩ<Ra<=500KΩ
500KΩ<Ra<=1KΩ
Sliding noise [滑動雜音]
100mV Max
Insulation resistance [
絕緣阻抗]
100MΩ Min. at DC 250V.
Withstanding voltage [耐電壓]
1 minute at AC 300V
Max. operating voltage [
最高使用電壓]
B Single 200V, Dual 100V
Except B Single 150V,Dual 50V
Cang error:[運動誤差]
Volume[音量]
-40dB ~0dB±3dB Max
Tone [
音質]
±3dB Max. at 50% position.
Mechanical Characteristics [ 机械性能 ]
Operation torque [
滑動力矩 ]
30~250gf.cm
Stopper strength[止動強度]
5.0Kgf
Click slip out torque[
掣子脫出力矩]
40~350gf.cm
Lever wobble[推柄搖晃]
2(2×L)/20mm Max. L=length of level
Position of click[
推拉強度]
1C,7C,11C
Lever push-pull strength[推拉強度]
5.0Kgf. cm Max. at 5 sec.
Endurance Characteristics [ 耐久性能 ]
Rotational life [ 回轉壽命 ]
More than 15,000 cycles
Http://www.productwell.com E-Mail: pwltw@productwell.com
TEL: 0769-81353212
FAX: 0769-81353211
Http://www.productwell.com E-Mail: pwltw@productwell.com
TEL: 0769-81353212
FAX: 0769-81353211


유사한 부품 번호 - SA11J01_14

제조업체부품명데이터시트상세설명
logo
Productwell Precision E...
SA11J01 PRODUCTWELL-SA11J01 Datasheet
113Kb / 1P
   ROTARY POTENTIOMETER
More results

유사한 설명 - SA11J01_14

제조업체부품명데이터시트상세설명
logo
Productwell Precision E...
S711VB1 PRODUCTWELL-S711VB1_14 Datasheet
129Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S61101 PRODUCTWELL-S61101_14 Datasheet
121Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S312HC PRODUCTWELL-S312HC_14 Datasheet
140Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S511HC PRODUCTWELL-S511HC_14 Datasheet
129Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S712FD1 PRODUCTWELL-S712FD1_14 Datasheet
135Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S712HA1 PRODUCTWELL-S712HA1_14 Datasheet
131Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S811H1 PRODUCTWELL-S811H1_14 Datasheet
120Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S912201 PRODUCTWELL-S912201_14 Datasheet
119Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S511HB PRODUCTWELL-S511HB_14 Datasheet
130Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S511VA1 PRODUCTWELL-S511VA1_14 Datasheet
128Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S711VA1 PRODUCTWELL-S711VA1_14 Datasheet
129Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com