전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3DS26227 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TS3DS26227
상세설명  HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DS26227 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TS3DS26227_14 Datasheet HTML 2Page - Texas Instruments TS3DS26227_14 Datasheet HTML 3Page - Texas Instruments TS3DS26227_14 Datasheet HTML 4Page - Texas Instruments TS3DS26227_14 Datasheet HTML 5Page - Texas Instruments TS3DS26227_14 Datasheet HTML 6Page - Texas Instruments TS3DS26227_14 Datasheet HTML 7Page - Texas Instruments TS3DS26227_14 Datasheet HTML 8Page - Texas Instruments TS3DS26227_14 Datasheet HTML 9Page - Texas Instruments TS3DS26227_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TS3DS26227
SCDS224B – JUNE 2008 – REVISED OCTOBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY
(1)
V+ = 2.3 V to 2.7 V, VIO = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETE
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
R
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
25°C
4
5.5
ON-state
0
≤ (VNO or VNC) ≤ 1.3,
Switch ON,
ron
2.3 V
resistance
ICOM = –10 mA,
See Figure 13
Full
7
ON-state
25°C
0.05
0.1
resistance
VNO or VNC = 1.3 V,
Switch ON,
match
Δron
2.3 V
ICOM = –10 mA,
See Figure 13
Full
0.2
between
channels
ON-state
25°C
2.5
4
0
≤ (VNO or VNC) ≤ 1.3 V,
Switch ON,
resistance
ron(flat)
2.3 V
ICOM = –10 mA,
See Figure 13
Full
4.5
flatness
VNO or VNC = 0.2 V,
25°C
–5
0.1
5
NC, NO
VCOM = 2.3 V,
INO(OFF),
Switch OFF,
OFF leakage
or
2.7 V
nA
INC(OFF)
See Figure 14
Full
–15
15
current
VNO or VNC = 2.3 V,
VCOM = 0.2 V,
VNO or VNC = 0.2 V,
25°C
–5
0.2
5
NC, NO
VCOM = Open,
INO(ON),
Switch ON,
ON leakage
or
2.7 V
nA
INC(ON)
See Figure 15
Full
–20
20
current
VNO or VNC = 2.3 V,
VCOM = Open,
VNO or VNC = Open,
25°C
–1
0.05
1
COM
VCOM = 0.2 V,
Switch ON,
ON leakage
ICOM(ON)
or
2.7 V
nA
See Figure 15
Full
–10
10
current
VNO or VNC = Open,
VCOM = 2.3 V,
Digital Control Inputs (IN1, IN2)(2)
Input logic
VIH
VIO = 1.65 V to 1.95 V
Full
0.65 × VIO
VIO
V
high
Input logic
VIL
VIO = 1.65 V to 1.95 V
Full
0
0.35 × VIO
V
low
25°C
–1
0.05
1
Input leakage
IIH, IIL
VIN = VIO or 0
2.7 V
nA
current
Full
–10
10
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at VIO or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
6
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TS3DS26227


유사한 부품 번호 - TS3DS26227_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3DS26227 TI-TS3DS26227_10 Datasheet
523Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI-TS3DS26227_15 Datasheet
410Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
More results

유사한 설명 - TS3DS26227_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3DS26227 TI-TS3DS26227_15 Datasheet
410Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI-TS3DS26227_10 Datasheet
523Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI-TS3DS26227 Datasheet
509Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL-SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
[Old version datasheet]   0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com