전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM72375MMENOPB 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SM72375MMENOPB
상세설명  SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SM72375MMENOPB 데이터시트(HTML) 1 Page - Texas Instruments

  SM72375MMENOPB Datasheet HTML 1Page - Texas Instruments SM72375MMENOPB Datasheet HTML 2Page - Texas Instruments SM72375MMENOPB Datasheet HTML 3Page - Texas Instruments SM72375MMENOPB Datasheet HTML 4Page - Texas Instruments SM72375MMENOPB Datasheet HTML 5Page - Texas Instruments SM72375MMENOPB Datasheet HTML 6Page - Texas Instruments SM72375MMENOPB Datasheet HTML 7Page - Texas Instruments SM72375MMENOPB Datasheet HTML 8Page - Texas Instruments SM72375MMENOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SM72375
www.ti.com
SNIS155D – NOVEMBER 2010 – REVISED APRIL 2013
SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open
Drain Output
Check for Samples: SM72375
1
FEATURES
DESCRIPTION
The SM72375 is an ultra low power dual comparator
2
Renewable Energy Grade
with a maximum 10
μA/comparator power supply
(Typical Unless Otherwise Noted)
current. It is designed to operate over a wide range of
Low Power Consumption (Max):
IS = 10
supply voltages, with a minimum supply voltage of
μA/comp
2.7V.
Wide Range of Supply Voltages:
2.7V to 15V
The common mode voltage range of the SM72375
exceeds both the positive and negative supply rails, a
Rail-to-Rail Input Common Mode Voltage
significant advantage in single supply applications.
Range
The open drain output of the SM72375 allows for
Open Drain Output
wired-OR configurations. The open drain output also
Short Circuit Protection:
40 mA
offers the advantage of allowing the output to be
pulled to any voltage rail up to 15V, regardless of the
Propagation Delay (@VS = 5V, 100 mV
supply voltage of the SM72375.
Overdrive):
5
μs
−40°C to 125°C Temperature Range
The SM72375 is targeted for systems where low
power consumption is the critical parameter. ensured
operation at supply voltages of 2.7V and rail-to-rail
APPLICATIONS
performance makes this comparator ideal for battery-
Metering Systems
powered applications.
RC Timers
Alarm and Monitoring Circuits
Window Comparators, Multivibrators
Connection Diagram
Figure 1. 8-Pin VSSOP - Top View
Package Number DGK
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - SM72375MMENOPB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM72375MME TI1-SM72375MME Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375MME/NOPB TI1-SM72375MME/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results

유사한 설명 - SM72375MMENOPB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM72375 TI-SM72375_15 Datasheet
1Mb / 19P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375 Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_16 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com