전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY500-600 데이터시트(PDF) 2 Page - General Semiconductor

부품명 BY500-600
상세설명  SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GE [General Semiconductor]
홈페이지  http://www.vishay.com
Logo GE - General Semiconductor

BY500-600 데이터시트(HTML) 2 Page - General Semiconductor

  BY500-600 Datasheet HTML 1Page - General Semiconductor BY500-600 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
120
140
0
1.0
2.0
3.0
4.0
5.0
6.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01
0.1
1
10
100
110
100
10
100
200
110
100
5
100
10
020
40
60
80
100
0.01
0.1
1
10
RATINGS AND CHARACTERISTIC CURVES BY500-100 THRU BY500-800
FIG.1 - FORWARD CURRENT DERATING CURVE
TEMPERATURE, °C
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 50 HZ
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
FIG. 2 - MAXIMUM PEAK FORWARD SURGE CURRENT
REVERSE VOLTAGE, VOLTS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
TA=25°C
10ms SINGLE HALF SINE-WAVE
at RATED LOAD
TJ=50°C
REPETITIVE
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25°C
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TL=LEAD TEMPERATURE
L=0.375” (9.5mm)
TA=AMBIENT TEMPERATURE
0.8 x 0.8 x 0.40”
(20 x 20 x 1mm)
COPPER HEATSINKS
P.C.B. MOUNTED on
0.2 x 0.2” (5 x 5mm)
COPPER PADS
0.375” (9.5mm)
LEAD LENGTH
TJ=100°C
NON-REPETITIVE
RESISTIVE or INDUCTIVE LOAD


유사한 부품 번호 - BY500-600

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
BY500-600 GOOD-ARK-BY500-600 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Diode Semiconductor Kor...
BY500-600 DSK-BY500-600 Datasheet
282Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Diotec Semiconductor
BY500-600 DIOTEC-BY500-600 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
logo
Zibo Seno Electronic En...
BY500-600 ZSELEC-BY500-600 Datasheet
84Kb / 2P
   5.0A FAST RECOVERY DIODE
logo
Semikron International
BY500-600 SEMIKRON-BY500-600 Datasheet
143Kb / 2P
   Fast silicon rectifier diodes
More results

유사한 설명 - BY500-600

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BY396 PANJIT-BY396_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
BY500-1000 LUGUANG-BY500-1000 Datasheet
1Mb / 2P
   Soft Recovery Fast Switching Plastic Rectifier
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P Datasheet
68Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
MR850 PANJIT-MR850_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P_V01 Datasheet
79Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
01-Jan-2022
logo
Shenzhen Luguang Electr...
BY500-50 LUGUANG-BY500-50 Datasheet
369Kb / 2P
   Soft Recovery Fast Switching Plastic Rectifier
logo
Vishay Siliconix
BY500-100 VISHAY-BY500-100 Datasheet
70Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
Revision: 26-Oct-09
BY500-100 VISHAY-BY500-100_V01 Datasheet
74Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
02-Oct-12
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com