전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3A5223 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3A5223
상세설명  0.45廓 Dual SPDT Bidirectional Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A5223 데이터시트(HTML) 2 Page - Texas Instruments

  TS3A5223 Datasheet HTML 1Page - Texas Instruments TS3A5223 Datasheet HTML 2Page - Texas Instruments TS3A5223 Datasheet HTML 3Page - Texas Instruments TS3A5223 Datasheet HTML 4Page - Texas Instruments TS3A5223 Datasheet HTML 5Page - Texas Instruments TS3A5223 Datasheet HTML 6Page - Texas Instruments TS3A5223 Datasheet HTML 7Page - Texas Instruments TS3A5223 Datasheet HTML 8Page - Texas Instruments TS3A5223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TS3A5223
SCDS339A – JANUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
TS3A5223 PIN DESCRIPTION
NAME
PIN NUMBER
DESCRIPTION
VCC
1
Postive supply Input – Connect 1.65V up to 3.6V supply
NC1, NO1, NC2,
5, 2, 7, 10
Channel Input/Output signal Pins
NO2
COM1, COM2
3, 9
Channel Input/Output signal Pins
GND
6
Ground reference pin
SEL1, SEL2
4, 8
Select logic pin
ORDERING INFORMATION(1)
TA
PART NUMBER
PACKAGE
TOP-SIDE MARKING
–40°C to 85°C
TS3A5223RSWR
10-Pin µ-QFN
Reel of 3000
B2_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Specified at TA= –40°C to 85°C unless otherwise noted.
VALUE
UNIT
MIN
MAX
VCC
Positive DC Supply Voltage
–0.3
4.3(2)
V
VIN-Max
Pins S1A, S1B, S2A, S2B, OUT1, OUT2, SEL1, SEL2 to GND pin voltage
–0.3
4.3(2)
V
IOUT-Max
Pin OUT1, OUT2 max DC current
±300
mA
IOUT-Peak
Pin OUT1, OUT2 peak current (1ms pulse at 10% duty cycle)
±500
mA
Total device power dissipation
PD
10-µQFN RSW
430
mW
at TA = 85°C
ESD Rating – HBM
2000
V
ESD
ESD Rating – CDM
500
V
TA
Operating free-air ambient temperature range
–40
85
°C
TJ
Junction temperature range
–55
150
°C
Tstg
Storage temperature range
–55
150
°C
(1)
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
(2)
Not rated for continuous operation, 0.5% duty cycle at 1 kHz recommended
DISSIPATION RATINGS
(1) (2) (3)
DERATING
BOARD
PACKAGE
θJC
θJA
(3)
FACTOR ABOVE
TA < 25°C
TA = 70°C
TA = 85°C
TA = 25ºC
High-K
10-Pin µ-QFN
46°C/W
93°C/W
10.7 mW/ºC
1075W
590mW
430mW
(1)
Maximum dissipation values for retaining device junction temperature of 150°C
(2)
Refer to TI’s design support web page at www.ti.com/thermal for improving device thermal performance
(3)
Operating at the absolute TJ-max of 150°C can affect reliability– for higher reliability it is recommended to ensure TJ < 125°C
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Positive DC Supply Voltage
1.65
3.6
V
VMax
Pins NC1, NO1, NC2, NO2, COM1, COM2, SEL1, SEL2 to GND pin maximum voltage
0
3.6
V
TA
Operating free-air ambient temperature range
–40
85
ºC
VCC= 1.6 to 2.7V
SEL pin Input rise and fall
dt/dv
sec/V
time limit
VCC = 3.0 to 3.6V
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TS3A5223


유사한 부품 번호 - TS3A5223

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A5223 TI-TS3A5223 Datasheet
871Kb / 14P
[Old version datasheet]   0.45ohm Dual SPDT Bidirectional Analog Switch
TS3A5223RSWR TI-TS3A5223RSWR Datasheet
871Kb / 14P
[Old version datasheet]   0.45ohm Dual SPDT Bidirectional Analog Switch
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
More results

유사한 설명 - TS3A5223

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI-TS3A5223 Datasheet
871Kb / 14P
[Old version datasheet]   0.45ohm Dual SPDT Bidirectional Analog Switch
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA2535 PROTEC-PA2535 Datasheet
144Kb / 9P
   0.35廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
   Low-Voltage, 0.45-Ω, SPDT Analog Switch
Rev. B, 30-Apr-07
logo
Texas Instruments
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com