전자부품 데이터시트 검색엔진 |
|
BYM07-400 데이터시트(PDF) 1 Page - General Semiconductor |
|
BYM07-400 데이터시트(HTML) 1 Page - General Semiconductor |
1 / 2 page BYM07-50 THRU BYM07-400 EGL34A THRU EGL34G SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER Reverse Voltage - 50 to 400 Volts Forward Current - 0.5 Ampere FEATURES ♦ Plastic package has Underwriters Laboratory Flammability Classification 94V-0 ♦ Capable of meeting environmental standards of MIL-S-19500 ♦ For surface mount applications ♦ High temperature metallurgically bonded construction ♦ Glass passivated cavity-free junction ♦ Fast switching for high efficiency ♦ High temperature soldering guaranteed: 450°C/5 seconds at terminals. Complete device submersible temperature of 260°C for 10 seconds in solder bath MECHANICAL DATA Case: JEDEC DO-213AA molded plastic over glass body Terminals: Plated terminals, solderable per MIL-STD-750, Method 2026 Polarity: Two bands indicate cathode end -1st band denotes device type and 2nd band denotes repetitive peak reverse voltage rating Mounting Position: Any Weight: 0.0014 ounce, 0.036 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25°C ambient temperature unless otherwise specified. BYM07 BYM07 BYM07 BYM07 BYM07 BYM07 SYMBOLS -50 -100 -150 -200 -300 -400 UNITS Fast efficient device: 1st band is Green EGL34A EGL34B EGL34C EGL34D EGL34F EGL34G Polarity color bands (2nd Band) GRAY RED PINK ORANGE BROWN YELLOW Maximum repetitive peak reverse voltage VRRM 50 100 150 200 300 400 Volts Maximum RMS voltage VRMS 35 70 105 140 210 280 Volts Maximum DC blocking voltage VDC 50 100 150 200 300 400 Volts Maximum average forward rectified current at TT=75°C I(AV) 0.5 Amp Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IFSM 10.0 Amps Maximum instantaneous forward voltage at 0.5A VF 1.25 1.35 Volts Maximum DC reverse current TA=25°C 5.0 at rated DC blocking voltage TA=125°C IR 50.0 µA Maximum full load reverse current, IR(AV) 50.0 µA full cycle average at TA=55°C Maximum reverse recovery time (NOTE 1) trr 50.0 ns Typical junction capacitance (NOTE 2) CJ 7.0 pF Maximum thermal resistance (NOTE 3) R ΘJA 150.0 (NOTE 4) R ΘJT 70.0 °C/W Operating junction and storage temperature range TJ, TSTG -65 to +175 °C NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient, 0.24 x 0.24” (6.0 x 6.0mm) copper pads to each terminal (4) Thermal resistance from junction to terminal, 0.24 x 0.24” (6.0 x 6.0mm) copper pads to each terminal 4/98 SOLDERABLE ENDS 1st BAND 2nd BAND 0.022 (0.559) 0.016 (0.406) 0.145 (3.683) 0.131(3.327) D1= 0.066 0.060 (1.676) (1.524) D2 = D1 + 0 - 0.008 (0.20) 1st band denotes type and polarity 2cnd band denotes voltage type D2 DO-213AA Dimensions in inches and (millimeters) *Glass-plastic encapsulation is covered by Patent No. 3,996,602 and brazed-lead assembly to Patent No. 3,930,306 ® |
유사한 부품 번호 - BYM07-400 |
|
유사한 설명 - BYM07-400 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |