전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3A226AEYFFR 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3A226AEYFFR
상세설명  Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A226AEYFFR 데이터시트(HTML) 2 Page - Texas Instruments

  TS3A226AEYFFR Datasheet HTML 1Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 2Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 3Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 4Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 5Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 6Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 7Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 8Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
C
B
A
1
2
3
A1
A2
A3
B1
B2
B3
C1
C2
C3
C
B
A
3
2
1
A3
A2
A1
B3
B2
B1
C3
C2
C1
TS3A226AE
SCDS346A – JUNE 2013 – REVISED JULY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE; YFF-WCSP
Top View/Footprint
Bump View
Die Size: 1.2mm ×1.2mm
Bump Size: 0.25mm
Bump Pitch: 0.4mm
TS3A226AE Pin Mapping (Top View)
3
2
1
C
GND
TIP
EN
B
SLEEVE
GNDA
MICp
A
RING2
GNDB
VDD
PIN FUNCTIONS
PIN
DESCRIPTION
NUMB
NAME
TYPE
ER
A1
VDD
Supply
Power supply for the chip.
A2
GNDB
Ground
FET2 ground reference.
A3
RING2
I/O
Connected to the RING2 segment of the jack. The pin will be routed automatically by TS3A226AE to
either MICp or GNDB depending on the type of accessory.
B1
MICp
I/O
Microphone signal connection to codec. Microphone bias should be fed into this pin.
B2
GNDA
Ground
FET1 ground reference.
B3
SLEEVE
I/O
Connected to the SLEEVE segment of the jack. The pin will be routed automatically by TS3A226AE to
either MICp or GNDA depending on the type of accessory.
C1
EN
Input
A rising edge triggers the detection sequence. This pin can be connected to the headset jack to allow
automatic pull-up to supply after headset insertion.
C2
TIP
I/O
Connected to the TIP segment of the headphone jack.
C3
GND
Ground
Chip ground reference.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TS3A226AE


유사한 부품 번호 - TS3A226AEYFFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A226AEYFFR TI-TS3A226AEYFFR Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
More results

유사한 설명 - TS3A226AEYFFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226E TI1-TS3A226E Datasheet
284Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
Vishay Siliconix
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. C, 29-Dec-08
DG2612 VISHAY-DG2612 Datasheet
162Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. A, 28-Aug-06
DG2612 VISHAY-DG2612_V01 Datasheet
203Kb / 8P
   Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability
02-Oct-12
logo
ON Semiconductor
FSA806 ONSEMI-FSA806 Datasheet
601Kb / 14P
   Audio Switch with Negative Signal Capability
July 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com