전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4066BF3A 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 CD4066BF3A
상세설명  CMOS QUAD BILATERAL SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD4066BF3A 데이터시트(HTML) 2 Page - Texas Instruments

  CD4066BF3A Datasheet HTML 1Page - Texas Instruments CD4066BF3A Datasheet HTML 2Page - Texas Instruments CD4066BF3A Datasheet HTML 3Page - Texas Instruments CD4066BF3A Datasheet HTML 4Page - Texas Instruments CD4066BF3A Datasheet HTML 5Page - Texas Instruments CD4066BF3A Datasheet HTML 6Page - Texas Instruments CD4066BF3A Datasheet HTML 7Page - Texas Instruments CD4066BF3A Datasheet HTML 8Page - Texas Instruments CD4066BF3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
CD4066B
CMOS QUAD BILATERAL SWITCH
SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
CDIP − F
Tube of 25
CD4066BF3A
CD4066BF3A
PDIP − E
Tube of 25
CD4066BE
CD4066BE
Tube of 50
CD4066BM
−55
°C to 125°C
SOIC − M
Reel of 2500
CD4066BM96
CD4066BM
−55
°C to 125°C
SOIC − M
Reel of 250
CD4066BMT
CD4066BM
SOP − NS
Reel of 2000
CD4066BNSR
CD4066B
TSSOP − PW
Tube of 90
CD4066BPW
CM066B
TSSOP − PW
Reel of 2000
CD4066BPWR
CM066B
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
† All control inputs are protected by the CMOS protection network.
NOTES: A. All p substrates are connected to VDD.
B. Normal operation control-line biasing: switch on (logic 1), VC = VDD; switch off (logic 0), VC = VSS
C. Signal-level range: VSS ≤ Vis ≤ VDD
Control
VC†
VDD
VSS
VSS
n
n
p
Out
Vos
Control
Switch
In
92CS-29113
n
p
Vis
Figure 1. Schematic Diagram of One-of-Four Identical Switches and Associated Control Circuitry


유사한 부품 번호 - CD4066BF3A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4066BF3A TI-CD4066BF3A Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BF3A TI-CD4066BF3A Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BF3A TI-CD4066BF3A Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BF3A TI1-CD4066BF3A Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BF3A TI1-CD4066BF3A Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
More results

유사한 설명 - CD4066BF3A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com