전자부품 데이터시트 검색엔진 |
|
BZX79-C3V0 데이터시트(PDF) 3 Page - General Semiconductor |
|
BZX79-C3V0 데이터시트(HTML) 3 Page - General Semiconductor |
3 / 7 page BZX79 – C2V4 2.20 2.60 BZX79 – C2V7 2.50 2.90 BZX79 – C3V0 2.80 3.20 BZX79 – C3V3 3.10 3.50 BZX79 – C3V6 3.40 3.80 BZX79 – C3V9 3.70 4.10 BZX79 – C4V3 4.00 4.60 BZX79 – C4V7 4.40 5.00 BZX79 – C5V1 4.80 5.40 BZX79 – C5V6 5.20 6.00 BZX79 – C6V2 5.80 6.60 BZX79 – C6V8 6.40 7.20 BZX79 – C7V5 7.00 7.90 BZX79 – C8V2 7.70 8.70 BZX79 – C9V1 8.50 9.60 BZX79 – C10 9.40 10.60 BZX79 – C11 10.40 11.60 BZX79 – C12 11.40 12.70 BZX79 – C13 12.40 14.10 BZX79 – C15 13.80 15.60 BZX79 – C16 15.30 17.10 BZX79 – C18 16.80 19.10 BZX79 – C20 18.80 21.20 BZX79 – C22 20.80 23.30 BZX79 – C24 22.80 25.60 BZX79 – C27 25.10 28.90(3) BZX79 – C30 28.00 32.00(3) BZX79 – C33 31.00 35.00(3) BZX79 – C36 34.00 38.00(3) BZX79 – C39 37.00 41.00(3) BZX79 – C43 40.00 46.00(3) BZX79 – C47 44.00 50.00(3) BZX79 – C51 48.00 54.00(3) BZX79 – C56 52.00 60.00(3) BZX79 – C62 58.00 66.00(3) BZX79 – C68 64.00 72.00(3) BZX79 – C75 70.00 79.00(3) BZX79 – F2V4 2.33 2.47 BZX79 – F2V7 2.62 2.78 BZX79 – F3V0 2.91 3.09 BZX79 – F3V3 3.20 3.40 BZX79 – F3V6 3.49 3.71 BZX79 – F3V9 3.78 4.02 BZX79 – F4V3 4.17 4.43 BZX79 – F4V7 4.56 4.84 BZX79 – F5V1 4.95 5.25 BZX79 – F5V6 5.43 5.77 BZX79 – F6V2 6.01 6.39 BZX79 – F6V8 6.60 7.00 BZX79 – F7V5 7.28 7.72 BZX79 – F8V2 7.95 8.45 BZX79 – F9V1 8.83 9.37 BZX79 – F10 9.70 10.30 BZX79 – F11 10.67 11.33 BZX79 – F12 11.64 12.36 BZX79 – F13 12.61 13.39 BZX79 – F15 14.55 15.45 BZX79 – F16 15.50 16.50 BZX79 – F18 17.50 18.50 BZX79 – F20 19.40 20.60 BZX79 – F22 21.30 22.70 BZX79 – F24 23.30 24.70 BZX79 – F27 26.20 27.80(3) BZX79 – F30 29.10 30.90(3) BZX79 – F33 32.00 34.00(3) BZX79 – F36 34.90 37.10(3) BZX79 – F39 37.80 40.20(3) BZX79 – F43 41.70 44.30(3) BZX79 – F47 45.60 48.40(3) BZX79 – F51 49.50 52.50(3) BZX79 – F56 54.30 57.70(3) BZX79 – F62 60.10 63.90(3) BZX79 – F68 66.00 70.00(3) BZX79 – F75 72.80 77.20(3) BZX79 B2V4 2.35 2.45 BZX79 B2V7 2.65 2.75 BZX79B3V0 2.94 3.06 BZX79B3V3 3.23 3.37 BZX79 B3V6 3.53 3.67 BZX79B3V9 3.82 3.98 BZX79B4V3 4.21 4.39 BZX79B4V7 4.61 4.79 BZX79B5V1 5.00 5.20 BZX79 B5V6 5.49 5.71 BZX79B6V2 6.08 6.32 BZX79B6V8 6.66 6.94 BZX79B7V5 7.35 7.65 BZX79B8V2 8.04 8.36 BZX79B9V1 8.92 9.28 BZX79B10 9.80 10.20 BZX79B11 10.80 11.20 BZX79B12 11.80 12.20 BZX79B13 12.70 13.30 BZX79B15 14.70 15.30 BZX79B16 15.70 16.30 BZX79B18 17.60 18.40 BZX79B20 19.60 20.40 BZX79B22 21.60 22.40 BZX79B24 23.50 24.50 BZX79B27 26.50 27.50(3) BZX79B30 29.40 30.60(3) BZX79B33 32.30 33.70(3)) BZX79B36 35.30 36.70(3) BZX79B39 38.20 39.80(3) BZX79B43 42.10 43.90(3) BZX79B47 46.10 47.90(3) BZX79B51 50.00 52.00(3) BZX79B56 54.90 57.10(3) BZX79B62 60.80 63.20(3) BZX79B68 66.60 69.40(3) BZX79B75 73.50 76.50(3) BZX79 SERIES ELECTRICAL CHARACTERISTICS Ratings at 25°C ambient temperature unless otherwise specified. Type Zener Voltage range(1) at IZ = 5 mA VZ V ±5% Tol. min. max. Type Zener Voltage range(1) at IZ = 5 mA VZ V ±3% Tol. min. max. Type Zener Voltage range(1) at IZ = 5 mA VZ V ±2% Tol. min. max. See BZX79-y table for all characteristics other than zener voltage range. |
유사한 부품 번호 - BZX79-C3V0 |
|
유사한 설명 - BZX79-C3V0 |