전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC4016PWR 데이터시트(PDF) 1 Page - Texas Instruments

부품명 CD74HC4016PWR
상세설명  High-Speed CMOS Logic Quad Bilateral Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC4016PWR 데이터시트(HTML) 1 Page - Texas Instruments

  CD74HC4016PWR Datasheet HTML 1Page - Texas Instruments CD74HC4016PWR Datasheet HTML 2Page - Texas Instruments CD74HC4016PWR Datasheet HTML 3Page - Texas Instruments CD74HC4016PWR Datasheet HTML 4Page - Texas Instruments CD74HC4016PWR Datasheet HTML 5Page - Texas Instruments CD74HC4016PWR Datasheet HTML 6Page - Texas Instruments CD74HC4016PWR Datasheet HTML 7Page - Texas Instruments CD74HC4016PWR Datasheet HTML 8Page - Texas Instruments CD74HC4016PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS199C
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
February 1998 - Revised August 2004
CD74HC4016
High-Speed CMOS Logic
Quad Bilateral Switch
Features
• Wide Analog-Input-Voltage Range . . . . . . . . . 0V to 10V
• Low “ON” Resistance
-45
Ω (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . . .VCC = 4.5V
-35
Ω (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC = 6V
-30
Ω (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . .1fcVCC = 9V
• Fast Switching and Propagation Delay Times
• Low “OFF” Leakage Current
• Built-In “Break-Before-Make” Switching
• Suitable for Sample and Hold Applications
• Wide Operating Temperature Range . . . -55oC to 125oC
• HC Types
- 2V to 10V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
Description
The CD74HC4016 contains four independent digitally
controlled analog switches that use silicon-gate CMOS
technology to achieve operating speeds similar to LSTTL
with the low power consumption of standard CMOS
integrated circuits.
Each switch has two input/output terminals (nY, nZ) and an
active high enable input (nE). Current through the switch will
not cause additional VCC current provided the analog
voltage is maintained between VCC and GND.
Pinout
CD74HC4016
(PDIP, SOIC, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD74HC4016E
-55 to 125
14 Ld PDIP
CD74HC4016M
-55 to 125
14 Ld SOIC
CD74HC4016MT
-55 to 125
14 Ld SOIC
CD74HC4016M96
-55 to 125
14 Ld SOIC
CD74HC4016PW
-55 to 125
14 Ld TSSOP
CD74HC4016PWR
-55 to 125
14 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
1Y
1Z
2Z
2Y
2E
3E
GND
VCC
1E
4E
4Y
4Z
3Z
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
[ /Title
(CD74
HC4016
)
/Sub-
ject
(High-
Speed
CMOS
Logic
Quad
Bilat-


유사한 부품 번호 - CD74HC4016PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC4016PW TI1-CD74HC4016PW Datasheet
850Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results

유사한 설명 - CD74HC4016PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1 Datasheet
312Kb / 13P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4066 TI-CD74HC4066 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1_14 Datasheet
871Kb / 17P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD54HC4066 TI1-CD54HC4066_17 Datasheet
921Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_15 Datasheet
850Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016 Datasheet
58Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_07 Datasheet
372Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com