전자부품 데이터시트 검색엔진 |
|
BZX79-C9V1 데이터시트(PDF) 1 Page - General Semiconductor |
|
BZX79-C9V1 데이터시트(HTML) 1 Page - General Semiconductor |
1 / 7 page SYMBOL VALUE UNIT Zener Current (see Table “Characteristics”) Power Dissipation at Tamb = 25°C Ptot 500(1) mW Junction Temperature Tj -65 to 200 °C Storage Temperature Range TS -65 to + 200 °C Continuous Forward Current IF 250 mA Peak reverse power dissipation (non-repetitive) tp=100ms, PZSM 40 Watts square wave BZX79 SERIES SILICON PLANAR ZENER DIODES FEATURES The Zener voltages are graded according to the international E 24 standard. Higher Zener voltages and 1% tolerance available on request. Diodes available in these tolerance series: ±2% BZX79-B ±3% BZX79-F ±5% BZX79-C MECHANICAL DATA Case: DO-35 Glass Case Weight: approx. 0.13 g MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25°C ambient temperature 8unless otherwise specified 12/10/98 max. ∅ Cathode .020 (0.52) Mark max. ∅.079 (2.0) Dimensions in inches and (millimeters) DO-35 Characteristics at Tamb = 25°C SYMBOL MIN. TYP. MAX. UNIT Thermal Resistance RthJA – – 0.3(1) °C/W Junction to Ambient Air Forward Voltage VF – – 0.9 Volts at IF = 10 mA NOTES: (1) Valid provided that leads are kept at ambient temperature at a distance of 8mm from case. |
유사한 부품 번호 - BZX79-C9V1 |
|
유사한 설명 - BZX79-C9V1 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |