전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC3843 데이터시트(PDF) 1 Page - Transcom, Inc.

부품명 TC3843
상세설명  870~925 MHz Single-Bias GaAs Low Noise Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCOM [Transcom, Inc.]
홈페이지  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3843 데이터시트(HTML) 1 Page - Transcom, Inc.

  TC3843 Datasheet HTML 1Page - Transcom, Inc. TC3843 Datasheet HTML 2Page - Transcom, Inc. TC3843 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TC3843
REV0_20070808
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P1 / 3
870~925 MHz Single-Bias GaAs Low Noise Amplifier
FEATURES
PHOTO ENLARGEMENT
l 50 ohm matched for 870~925 MHz
l 24 dBm Typical P1dB
l 19 dB Typical Linear Power Gain
l 36 dBm Typical IP3
l 1.1 dB Typical noise figure
l Nominal PAE of 26%
l Breakdown Voltage: BV
DGO
≥ 15V
l 6.0 Volt single bias
l Suitable for High Reliability Application
DESCRIPTION
The TC3843 is a single -bias with 50 ohm matched GaAs FET. It is designed for low cost, high volume, applied
for 870~925 MHz low noise amplifiers. It provides noise figure of 1.1 dB, gain of 19 dB and P1dB of 24 dBm,
typically. The single positive drain bias is 6 V and the typical drain-source current is 160 mA. The device is
packaged in a copper based ceramic 10-pin SMT packages. The copper based carrier of the package allows direct
soldering of the device to the PCB.
ELECTRICAL SPECIFICATIONS (TA=25℃)
Symbol
CONDITIONS
MIN
TYP
MAX
UNIT
FREQ
Frequency Range
870
925
MHz
P1dB
Output Power at 1dB Gain Compression Point, VDS = 6 V
22
24
dBm
GL
Linear Power Gain, VDS = 6 V
16
19
dB
IP3
Intercept Point of the 3
rd-order Intermodulation, V
DS = 6 V, *PSCL = 14 dBm
33
36
dBm
NF
Noise Figure, VDS = 6 V
1.1
1.5
dB
PAE
Power Added Efficiency at 1dB Compression Power
26
%
IDS
Drain -Source Current at VDS = 6 V
160
220
mA
BVDGO
Drain -Gate Breakdown Voltage at IDGO = 0.6 mA
15
18
Volts
Note: *PSCL: Output Power of Single Carrier Level.


유사한 부품 번호 - TC3843

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC3843A TRANSCOM-TC3843A Datasheet
99Kb / 3P
   1710~1785 MHz Single-Bias GaAs Low Noise Amplifier
More results

유사한 설명 - TC3843

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC3843A TRANSCOM-TC3843A Datasheet
99Kb / 3P
   1710~1785 MHz Single-Bias GaAs Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0040 MA-COM-MAAMSS0040 Datasheet
107Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0001 MA-COM-MAAMSS0001 Datasheet
106Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
Tyco Electronics
MAAMSS0001 MACOM-MAAMSS0001 Datasheet
279Kb / 5P
   Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0040 MACOM-MAAMSS0040 Datasheet
229Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
Transcom, Inc.
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3911 TRANSCOM-TC3911 Datasheet
108Kb / 3P
   Low-Cost Single-Bias Low Noise PHEMT GaAs FETs
logo
California Eastern Labs
MC7884 CEL-MC7884 Datasheet
82Kb / 2P
   NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
MC-7831 CEL-MC-7831 Datasheet
209Kb / 3P
   NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com