전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10D020CIVSX 데이터시트(PDF) 4 Page - Texas Instruments

부품명 ADC10D020CIVSX
상세설명  ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D020CIVSX 데이터시트(HTML) 4 Page - Texas Instruments

  ADC10D020CIVSX Datasheet HTML 1Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 2Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 3Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 4Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 5Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 6Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 7Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 8Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADC10D020
SNAS143D – SEPTEMBER 2001 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS (continued)
Pin No.
Symbol
Equivalent Circuit
Description
Digital clock input for both converters. The analog inputs are
33
CLK
sampled on the falling edge of this clock input.
Output Bus Select. With this pin at a logic high, both the “I” and the
“Q” data are present on their respective 10-bit output buses (Parallel
2
OS
mode of operation). When this pin is at a logic low, the “I” and “Q”
data are multiplexed onto the “I” output bus and the “Q” output lines
all remain at a logic low (multiplexed mode).
Offset Correct pin. A low-to-high transition on this pin initiates an
independent offset correction sequence for each converter, which
takes 34 clock cycles to complete. During this time 32 conversions
31
OC
are taken and averaged. The result is subtracted from subsequent
conversions. Each input pair should have 0V differential value during
this entire 34 clock period.
Output Format pin. When this pin is LOW the output format is Offset
Binary. When this pin is HIGH the output format is 2's complement.
32
OF
This pin may be changed asynchronously, but this will result in
errors for one or two conversions.
Standby pin. The device operates normally with a logic low on this
and the PD (Power Down) pin. With this pin at a logic high and the
34
STBY
PD pin at a logic low, the device is in the standby mode where it
consumes just 27 mW of power. It takes just 800 ns to come out of
this mode after the STBY pin is brought low.
Power Down pin that, when high, puts the converter into the Power
Down mode where it consumes less than 1 mW of power. It takes
35
PD
less than 1 ms to recover from this mode after the PD pin is brought
low. If both the STBY and PD pins are high simultaneously, the PD
pin dominates.
This pin sets the internal signal gain at the inputs to the ADCs. With
this pin low the full scale differential input peak-to-peak signal is
36
GAIN
equal to VREF. With this pin high the full scale differential input peak-
to-peak signal is equal to 2 x VREF..
3V TTL/CMOS-compatible Digital Output pins that provide the
conversion results of the I and Q inputs. I0 and Q0 are the LSBs, I9
and Q9 are the MSBs. Valid data is present just after the rising edge
8 thru 27
I0–I9 and Q0–Q9
of the CLK input in the Parallel mode. In the multiplexed mode, I-
channel data is valid on I0 through I9 when the I/Q output is high
and the Q-channel data is valid on I0 through I9 when the I/Q output
is low.
Output data valid signal. In the multiplexed mode, this pin transitions
from low to high when the data bus transitions from Q-data to I-data,
28
I/Q
and from high to low when the data bus transitions from I-data to Q-
data. In the Parallel mode, this pin transitions from low to high as the
output data changes.
Positive analog supply pin. This pin should be connected to a quiet
voltage source of +2.7V to +3.6V. VA and VD should have a common
40, 41
VA
supply and be separately bypassed with 10 µF to 50 µF capacitors in
parallel with 0.1 µF capacitors.
Digital supply pin. This pin should be connected to a quiet voltage
source of +2.7V to +3.6V. VA and VD should have a common supply
4
VD
and be separately bypassed with 10 µF to 50 µF capacitors in
parallel with 0.1 µF capacitors.
Digital output driver supply pins. These pins should be connected to
6, 30
VDR
a voltage source of +1.5V to VD and be bypassed with 10 µF to 50
µF capacitors in parallel with 0.1 µF capacitors.
3, 39, 42,
The ground return for the analog supply. AGND and DGND should
AGND
46
be connected together close to the ADC10D020 package.
The ground return for the digital supply. AGND and DGND should be
5
DGND
connected together close to the ADC10D020 package.
7, 29
DR GND
The ground return of the digital output drivers.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: ADC10D020


유사한 부품 번호 - ADC10D020CIVSX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC10D020CIVSX TI1-ADC10D020CIVSX Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVSX/NOPB TI1-ADC10D020CIVSX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

유사한 설명 - ADC10D020CIVSX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com