전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25M02 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 CAT25M02
상세설명  2 Mb SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25M02 데이터시트(HTML) 3 Page - ON Semiconductor

  CAT25M02 Datasheet HTML 1Page - ON Semiconductor CAT25M02 Datasheet HTML 2Page - ON Semiconductor CAT25M02 Datasheet HTML 3Page - ON Semiconductor CAT25M02 Datasheet HTML 4Page - ON Semiconductor CAT25M02 Datasheet HTML 5Page - ON Semiconductor CAT25M02 Datasheet HTML 6Page - ON Semiconductor CAT25M02 Datasheet HTML 7Page - ON Semiconductor CAT25M02 Datasheet HTML 8Page - ON Semiconductor CAT25M02 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT25M02
http://onsemi.com
3
Table 4. A.C. CHARACTERISTICS
(VCC = 1.7 V to 5.5 V, TA = −40°C to +85°C and VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.) (Note 6)
Symbol
Parameter
VCC = 1.7 V − 5.5 V
VCC = 2.5 V − 5.5 V
Units
Min
Max
Min
Max
fSCK
Clock Frequency
DC
5
DC
10
MHz
tSU
Data Setup Time
20
10
ns
tH
Data Hold Time
20
10
ns
tWH
SCK High Time
75
40
ns
tWL
SCK Low Time
75
40
ns
tLZ
HOLD to Output Low Z
50
25
ns
tRI (Note 7)
Input Rise Time
2
2
ms
tFI (Note 7)
Input Fall Time
2
2
ms
tHD
HOLD Setup Time
0
0
ns
tCD
HOLD Hold Time
10
10
ns
tV
Output Valid from Clock Low
75
40
ns
tHO
Output Hold Time
0
0
ns
tDIS
Output Disable Time
50
20
ns
tHZ
HOLD to Output High Z
100
25
ns
tCS
CS High Time
80
40
ns
tCSS
CS Setup Time
60
30
ns
tCSH
CS Hold Time
60
30
ns
tCNS
CS Inactive Setup Time
60
30
ns
tCNH
CS Inactive Hold Time
60
30
ns
tWPS
WP Setup Time
20
10
ns
tWPH
WP Hold Time
20
10
ns
tWC (Notes 9, 10)
Write Cycle Time
6
6
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Table 5. POWER−UP TIMING (Notes 7, 8)
Symbol
Parameter
Max
Units
tPUR, tPUW
Power−up to Read / Write Operation
0.1
ms
6. AC Test Conditions:
Input Pulse Voltages: 0.3 VCC to 0.7 VCC
Input rise and fall times: ≤ 10 ns
Input and output reference voltages: 0.5 VCC
Output load: current source IOL max/IOH max; CL = 30 pF
7. This parameter is tested initially and after a design or process change that affects the parameter.
8. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
9. tWC is the time from the rising edge of CS after a valid write sequence to the end of the internal write cycle.
10.The tWC time can be set by the user to allow faster internal writes (max 3 ms) by setting the tWC bit from the Status Register. The fast write
mode is recommended for VCC > 2.5 V.


유사한 부품 번호 - CAT25M02

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02 Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
CAT25M02 ONSEMI-CAT25M02 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAT25M02C8ATR ONSEMI-CAT25M02C8ATR Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
CAT25M02C8ATR ONSEMI-CAT25M02C8ATR Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAT25M02DTR ONSEMI-CAT25M02DTR Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
More results

유사한 설명 - CAT25M02

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02_16 Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
CAT25M02 ONSEMI-CAT25M02_18 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com