전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

34707-3040 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 34707-3040
상세설명  Stac64??3 Bay Vertical Headers, 60 Circuits, Bay A 20 Circuit Signal Header, Polarization A, Black; Bay B 20 Circuit Signal Header, Polarization B, Gray; Bay C 20 Circuit Signal Header, Polarization C, Brown, Tray
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

34707-3040 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  34707-3040 Datasheet HTML 1Page - Molex Electronics Ltd. 34707-3040 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +100°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
Contact Molex
Voltage - Maximum
500V
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-34729-020
Product Specification
PS-31372-100, PS-34729-020
Sales Drawing
SD-34707-300
This document was generated on 09/16/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 34707-3040

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
34707-3010 MOLEX11-34707-3010 Datasheet
44Kb / 2P
   Stac64??3 Bay Vertical Header, 44 Circuits, Bay A 20 Circuit Signal Vertical Header, Polarization A, Black; Bay B, 8 Circuit Signal Vertical Header, Polarization A, Black, Bay C, 16 Circuit Signal Vertical Header, Polarization A, Black
34707-3020 MOLEX11-34707-3020 Datasheet
47Kb / 2P
   Stac64??3 Bay Vertical Headers, 44 Circuits, Bay A 16 Circuit Signal Header, Polarization B, Gray; Bay B 8 Circuit Signal Header, Polarization B, Gray; Bay C 20 Circuit Signal Header, Polarization B, Gray, Tray
34707-3021 MOLEX11-34707-3021 Datasheet
43Kb / 2P
   Stac64??3 Bay Vertical Headers, 50 Circuits, Bay A 10 Circuit Power Header, Polarization A, Black; Bay B 20 Circuit Signal, Polarization C, Brown; Bay C 20 Circuits Polarization D, Green, Tray
34707-3030 MOLEX11-34707-3030 Datasheet
44Kb / 2P
   Stac64??3 Bay Vertical Headers, 52 Circuits, Bay A 12 Circuit Signal Header, Polarization A, Black; Bay B 20 Circuit Signal Header, Polarization C, Brown; Bay C 20 Circuit Signal Header, Polarization D, Green, Tray
34707-3050 MOLEX11-34707-3050 Datasheet
36Kb / 2P
   Stac64??3 Bay Vertical Headers, 48 Circuits, Bay A 16 Circuit Signal Header, Polarization A, Black; Bay B 16 Circuit Signal Header, Polarization B, Gray; Bay C 16 Circuit Signal Header, Polarization C, Brown, Tray
More results

유사한 설명 - 34707-3040

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
34708-3085 MOLEX11-34708-3085 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 60 Circuits, Bay A 20 Circuit Signal Header, Polarization A, Black; Bay B 20 Circuit Signal Header, Polarization B, Gray; Bay C 20 Circuit Signal Header, Polarization C, Tray
34708-3098 MOLEX11-34708-3098 Datasheet
59Kb / 2P
   Stac64??3 Bay Right Angle Headers, 60 Circuits, Bay A 20 Circuit Signal Header, Polarization B, Gray; Bay B 20 Circuit Signal Header, Polarization C, Brown; Bay C 20 Circuit Signal Header, Polarization D, Tray
34707-3090 MOLEX11-34707-3090 Datasheet
35Kb / 2P
   Stac64??3 Bay Vertical Headers, 48 Circuits, Bay A 20 Circuit Signal Header, Polarization A, Black; Bay B 20 Circuit Signal Header, Polarization C; Bay C 8 Circuit Signal Header, Polarization B, Tray
34708-3002 MOLEX11-34708-3002 Datasheet
36Kb / 2P
   Stac64??3 Bay Right Angle Headers, 54 Circuits, Bay A 20 Circuit Signal Header, Polarization A, Black; Bay B 20 Circuit Signal Header, Polarization B, Gray; Bay C 14 Circuit Signal Header, Polarization C, Tray
34708-3070 MOLEX11-34708-3070 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 50 Circuits, Bay A 20 Circuit Signal Header, Polarization A, Black; Bay B 20 Circuit Signal Header, Polarization B, Gray; Bay C 10 Circuit Signal Header, Polarization A, Tray
34707-3020 MOLEX11-34707-3020 Datasheet
47Kb / 2P
   Stac64??3 Bay Vertical Headers, 44 Circuits, Bay A 16 Circuit Signal Header, Polarization B, Gray; Bay B 8 Circuit Signal Header, Polarization B, Gray; Bay C 20 Circuit Signal Header, Polarization B, Gray, Tray
34708-3010 MOLEX11-34708-3010 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 56 Circuits, Bay A 20 Circuit Signal Header, Polarization A, Black; Bay B 20 Circuit Signal Header, Polarization B, Gray; Bay C 16 Circuit Signal Header, Polarization A, Tray
34707-3030 MOLEX11-34707-3030 Datasheet
44Kb / 2P
   Stac64??3 Bay Vertical Headers, 52 Circuits, Bay A 12 Circuit Signal Header, Polarization A, Black; Bay B 20 Circuit Signal Header, Polarization C, Brown; Bay C 20 Circuit Signal Header, Polarization D, Green, Tray
34707-2001 MOLEX11-34707-2001 Datasheet
35Kb / 2P
   Stac64??2 Bay Vertical Headers, 40 Circuits, Bay A 20 Circuit Signal Header, Polarization A, Black; Bay B 20 Circuit Signal Header, Polarization C, Brown, Tray
34708-3020 MOLEX11-34708-3020 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 50 Circuits, Bay A 10 Circuit Power Header, Polarization A, Black; Bay B 20 Circuit Signal Header, Polarization B, Gray; Bay C 20 Circuit Signal Header, Polarization C, Tray
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com