전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC0820AIN 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC0820AIN
상세설명  Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC0820AIN 데이터시트(HTML) 3 Page - Texas Instruments

  TLC0820AIN Datasheet HTML 1Page - Texas Instruments TLC0820AIN Datasheet HTML 2Page - Texas Instruments TLC0820AIN Datasheet HTML 3Page - Texas Instruments TLC0820AIN Datasheet HTML 4Page - Texas Instruments TLC0820AIN Datasheet HTML 5Page - Texas Instruments TLC0820AIN Datasheet HTML 6Page - Texas Instruments TLC0820AIN Datasheet HTML 7Page - Texas Instruments TLC0820AIN Datasheet HTML 8Page - Texas Instruments TLC0820AIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TLC0820AC, TLC0820AI
Advanced LinCMOS
™ HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL
CONVERTERS USING MODIFIED FLASH TECHNIQUES
SLAS064A – SEPTEMBER 1986 – REVISED JUNE 1994
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ANLG IN
1
I
Analog input
CS
13
I
Chip select. CS must be low in order for RD or WR to be recognized by the ADC.
D0
2
O
Digital, 3-state output data, bit 1 (LSB)
D1
3
O
Digital, 3-state output data, bit 2
D2
4
O
Digital, 3-state output data, bit 3
D3
5
O
Digital, 3-state output data, bit 4
D4
14
O
Digital, 3-state output data, bit 5
D5
15
O
Digital, 3-state output data, bit 6
D6
16
O
Digital, 3-state output data, bit 7
D7
17
O
Digital, 3-state output data, bit 8 (MSB)
GND
10
Ground
INT
9
O
Interrupt. In the write-read mode, the interrupt output (INT) going low indicates that the internal count-down delay
time, td(int), is complete and the data result is in the output latch. The delay time td(int) is typically 800 ns starting
after the rising edge of WR (see operating characteristics and Figure 3). If RD goes low prior to the end of td(int),
INT goes low at the end of td(RIL) and the conversion results are available sooner (see Figure 2). INT is reset by
the rising edge of either RD or CS.
MODE
7
I
Mode select. MODE is internally tied to GND through a 50-
µA current source, which acts like a pulldown resistor.
When MODE is low, the read mode is selected. When MODE is high, the write-read mode is selected.
NC
19
No internal connection
OFLW
18
O
Overflow. Normally OFLW is a logical high. However, if the analog input is higher than Vref+, OFLW will be low at
the end of conversion. It can be used to cascade two or more devices to improve resolution (9 or 10 bits).
RD
8
I
Read. In the write-read mode with CS low, the 3-state data outputs D0 through D7 are activated when RD goes
low. RD can also be used to increase the conversion speed by reading data prior to the end of the internal
count-down delay time. As a result, the data transferred to the output latch is latched after the falling edge of RD.
In the read mode with CS low, the conversion starts with RD going low. RD also enables the 3-state data outputs
on completion of the conversion. RDY going into the high-impedance state and INT going low indicate completion
of the conversion.
REF –
11
I
Reference voltage. REF – is placed on the bottom of the resistor ladder.
REF +
12
I
Reference voltage. REF + is placed on the top of the resistor ladder.
VCC
20
Power supply voltage
WR/RDY
6
I/O
Write ready. In the write-read mode with CS low, the conversion is started on the falling edge of the WR input signal.
The result of the conversion is strobed into the output latch after the internal count-down delay time, td(int), provided
that the RD input does not go low prior to this time. The delay time td(int) is approximately 800 ns. In the read mode,
RDY (an open-drain output) goes low after the falling edge of CS and goes into the high-impedance state when
the conversion is strobed into the output latch. It is used to simplify the interface to a microprocessor system.


유사한 부품 번호 - TLC0820AIN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC0820AIN TI-TLC0820AIN Datasheet
174Kb / 11P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AIN TI-TLC0820AIN Datasheet
191Kb / 13P
[Old version datasheet]   Advanced LinCMOS TM HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AIN TI-TLC0820AIN Datasheet
251Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AIN TI1-TLC0820AIN Datasheet
511Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AINE4 TI-TLC0820AINE4 Datasheet
191Kb / 13P
[Old version datasheet]   Advanced LinCMOS TM HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
More results

유사한 설명 - TLC0820AIN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC0820A TI1-TLC0820A Datasheet
511Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC Datasheet
174Kb / 11P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC_07 Datasheet
251Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC_06 Datasheet
191Kb / 13P
[Old version datasheet]   Advanced LinCMOS TM HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
AD7524M TI-AD7524M Datasheet
253Kb / 12P
[Old version datasheet]   Advanced LinCMOSE 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510_14 Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com