전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC1541 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TLC1541
상세설명  10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1541 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TLC1541 Datasheet HTML 6Page - Texas Instruments TLC1541 Datasheet HTML 7Page - Texas Instruments TLC1541 Datasheet HTML 8Page - Texas Instruments TLC1541 Datasheet HTML 9Page - Texas Instruments TLC1541 Datasheet HTML 10Page - Texas Instruments TLC1541 Datasheet HTML 11Page - Texas Instruments TLC1541 Datasheet HTML 12Page - Texas Instruments TLC1541 Datasheet HTML 13Page - Texas Instruments TLC1541 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TLC1541
10-BIT ANALOG-TO-DIGITAL CONVERTER
WITH SERIAL CONTROL AND 11 INPUTS
SLAS073C – DECEMBER 1995 – REVISED AUGUST 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
It is possible to connect SYSTEM CLOCK and I/O CLOCK together in special situations in which controlling-circuitry
points must be minimized. In this case, the following special points must be considered in addition to the requirements
of the normal control sequence previously described.
1.
This device requires the first two clocks to recognize that CS is at a valid low level when the common clock
signal is used as an I/O CLOCK. When CS is recognized by the device to be at a high level, the common clock
signal is used for the conversion clock also.
2.
A low CS must be recognized before the I/O CLOCK can shift in an analog channel address. The device
recognizes a CS transition when the SYSTEM CLOCK terminal receives two positive edges and then a
negative edge. For this reason, after a CS negative edge, the first two clock cycles do not shift in the address.
Also, upon shifting in the address, CS must be raised after the tenth valid (12 total) I/O CLOCK. Otherwise,
additional common-clock cycles are recognized as I/O CLOCK cycles and shift in an erroneous address.
For certain applications, such as strobing applications, it is necessary to start conversion at a specific point in time.
This device accommodates these applications. Although the on-chip sample-and-hold begins sampling upon the
negative edge of the fourth valid I/O CLOCK cycle, the hold function does not initiate until the negative edge of the
tenth valid I/O CLOCK cycle. Thus, the control circuitry can leave the I/O CLOCK signal in its high state during the
tenth valid I/O CLOCK cycle until the moment at which the analog signal must be converted. The TLC1541 continues
sampling the analog input until the eighth valid falling edge of the I/O CLOCK. The control circuitry or software then
immediately lowers the I/O CLOCK signal and holds the analog signal at the desired point in time and starts the
conversion.


유사한 부품 번호 - TLC1541

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC1541 TI-TLC1541 Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541CDW TI-TLC1541CDW Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541CFN TI-TLC1541CFN Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541CN TI-TLC1541CN Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541DW TI-TLC1541DW Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
More results

유사한 설명 - TLC1541

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC1541 TI-TLC1541 Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC2543-EP TI-TLC2543-EP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543C TI-TLV1543C Datasheet
295Kb / 18P
[Old version datasheet]   3.3-V 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com