전자부품 데이터시트 검색엔진 |
|
SM4124 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers |
|
SM4124 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page Rev Date: 05/20/2014 1 www.seielect.com This specification may be changed at any time without prior notice marketing@seielect.com Please confirm technical specifications before you order and/or use. SM/SMH Series Surface Mount Wirewound Resistor Stackpole Electronics, Inc. Resistive Product Solutions Maximum Dielectric Type / Code Working Withstanding Voltage Voltage ± 75ppm/ºC - - - 0.01 - 0.098 ± 100ppm/ºC 5 - 10 3 - 10 1 - 10 0.1 - 10 ± 20ppm/ºC 10.1 - 400 10.1 - 400 10.2 - 400 11 - 400 ± 75ppm/ºC - - 0.05 - 0.098 0.01 - 0.098 ± 100ppm/ºC 5 - 10 3 - 10 0.1 - 10 0.1 - 10 ± 20ppm/ºC 10.1 - 1K 10.1 - 1K 10.2 - 1K 11 - 1K SM4527 2W 60V >500V ± 75ppm/ºC 0.01 - 0.05 0.01 - 0.05 SMH4527 3W 60V >500V ± 75ppm/ºC 0.01 - 0.05 0.01 - 0.05 ± 75ppm/ºC - - 0.05 - 0.098 0.05 - 0.098 ± 100ppm/ºC 1 - 10 1 - 10 1 - 10 1 - 10 ± 20ppm/ºC 10.1 - 3K 10.1 - 3K 10.2 - 3K 11 - 3K ± 75ppm/ºC - - 0.05 - 0.098 0.05 - 0.098 ± 100ppm/ºC 1 - 10 1 - 10 1 - 10 1 - 10 ± 20ppm/ºC 10.1 - 5K 10.1 - 5K 10.2 - 5K 11 - 5K Zero ohm available on all sizes Ohmic Range ( Ω) and Tolerance (*) - (*) Other resistance values available - contact factory for details 5% 1% - - 0.5% 1W 25V >500V 0.1% - SM8035 4W 100V >500V >500V SM4124 2W 50V SM6227 3W 100V >500V Power Rating (Watts) @ 70ºC Resistance Temperature Coefficient SM2615 0.260 ± 0.015 0.280 ± 0.032 0.140 ± 0.015 0.150 ± 0.015 0.100 ± 0.015 0.090 ± 0.015 0.138 0.130 0.350 inches 6.60 ± 0.38 7.11 ± 0.81 3.56 ± 0.38 3.81 ± 0.38 2.54 ± 0.38 2.29 ± 0.38 3.51 3.30 8.89 mm 0.410 ± 0.015 0.430 ± 0.032 0.180 ± 0.015 0.240 ± 0.015 0.122 ± 0.015 0.090 ± 0.015 0.181 0.157 0.583 inches 10.41 ± 0.38 10.92 ± 0.81 4.57 ± 0.38 6.10 ± 0.38 3.10 ± 0.38 2.29 ± 0.38 4.60 3.99 14.81 mm SM4527(*) 0.455 ± 0.015 0.475 ± 0.032 0.150 ± 0.015 0.270 ± 0.015 0.122 ± 0.015 0.105 ± 0.015 0.169 0.157 0.587 inches 0.01 Ω - 0.05Ω 11.56 ± 0.38 12.07 ± 0.81 3.81 ± 0.38 6.86 ± 0.38 3.10 ± 0.38 2.67 ± 0.38 4.29 3.99 14.91 mm 0.455 ± 0.015 0.475 ± 0.032 0.150 ± 0.015 0.270 ± 0.015 0.122 ± 0.015 0.105 ± 0.015 0.169 0.157 0.587 inches 11.56 ± 0.38 12.07 ± 0.81 3.81 ± 0.38 6.86 ± 0.38 3.10 ± 0.38 2.67 ± 0.38 4.29 3.99 14.91 mm 0.625 ± 0.015 0.645 ± 0.032 0.250 ± 0.015 0.275 ± 0.015 0.122 ± 0.015 0.130 ± 0.015 0.236 0.157 0.850 inches 15.88 ± 0.38 16.38 ± 0.81 6.35 ± 0.38 6.99 ± 0.38 3.10 ± 0.38 3.30 ± 0.38 5.99 3.99 21.59 mm 0.800 ± 0.015 0.825 ± 0.032 0.362 ± 0.015 0.350 ± 0.015 0.122 ± 0.015 0.122 ± 0.015 0.340 0.157 0.950 inches 20.32 ± 0.38 20.96 ± 0.81 9.19 ± 0.38 8.89 ± 0.38 3.10 ± 0.38 3.10 ± 0.38 8.64 3.99 24.13 mm (*) Dimensions will vary for values >0.05Ω - contact factory for details. SM8035 SMH4527 Type / Code SM2615 SM4124 H L SM6227 Unit W A Body Length B Total Length C Body Height F Termination Length D Body Width E Termination Width Features: • High temperature molded encapsulation • Flex termination for absorbing thermal expansion • All welded construction • Non-inductive types available as NSM • RoHS compliant / lead-free Mechanical Specifications Electrical Specifications |
유사한 부품 번호 - SM4124 |
|
유사한 설명 - SM4124 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |