전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SM6A27 데이터시트(HTML) 2 Page - General Semiconductor

부품명 SM6A27
상세내용  SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GE [General Semiconductor]
홈페이지  http://www.vishay.com
Logo 

SM6A27 데이터시트(HTML) 2 Page - General Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
0
25
50
75
100
125
150
175
200
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.35
0.45
0.55
0.65
0.75
0.85
0.95
0.01
0.1
1
10
100
0
5
10
15
20
25
30
35
40
0
50
100
150
0.01
0.1
1
10
100
0.01
0.1
1
10
100
5
20
35
50
65
80
95
0.0001
0.001
0.01
0.1
1
10
100
25
50
75
100
125
150
0
2,000
3,000
5,000
6,000
175
1,000
4,000
10
100
1,000
10,000
RATINGS AND CHARACTERISTIC CURVES SM6A27
FIG. 1 - POWER DERATING CURVE
FIG. 3 - PULSE WAVEFORM
CASE TEMPERATURE, ¡C
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FORWARD VOLTAGE, VOLTS
175¡C
t, TIME, ms
tr=10
ms
PEAK VALUE IPP
10/1000
ms
TA=25¡C
PULSE WIDTH (td) is
DEFINED as the POINT
WHERE the PEAK CURRENT
DECAYS to 50% of IPP
FIG. 4 - REVERSE POWER CAPABILITY
PULSE WIDTH (ms) - 1/2 IPP EXPONENTIAL WAVEFORM
FIG. 6 - TYPICAL REVERSE CHARACTERISTICS
FIG. 7 - TYPICAL TRANSIENT THERMAL IMPEDANCE
PERCENTAGE OF V(BR), %
PULSE WIDTH, sec.
175¡C
FIG. 5 - LOAD DUMP POWER CHARACTERISTICS
(10ms EXPONENTIAL WAVEFORM)
CASE TEMPERATURE, ¡C
RQJC
RQJA
25¡C
25¡C
td
HALF VALUE -
IPP
2


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn