전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC19031008 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 MC19031008
상세설명  3mm Prominent or Recessed
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MC19031008 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  MC19031008 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC19031008 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC19031008 Datasheet HTML 3Page - List of Unclassifed Manufacturers MC19031008 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LED Indicators
3mm Prominent or Recessed
Page <3>
21/04/08 V1.1
Specifications
Colour
Typical Lumination
Intensity (mcd)
at IF = 20mA
VF (typical)
(V)
IF (maximum)
(mA)
Refer
Drawing
Part Number
HE Red
20.0
2.0-2.6
45
C
MC19040003
Green
25.0
MC19040001
Yellow
MC19040002
Pure Orange
20.0
30
MC19040008
Blue
6.0
3.8-4.4
50
MC19040007
HE Red
27.0
2.0-2.6
45
D
MC19050003
Yellow
27.0
MC19050002
Pure Orange
30
MC19050008
Blue
7.0
3.8-4.4
50
MC1905007
HE Red
20.0
2.0-2.6
45
C
MC19041003
Green
25.0
MC19041001
Yellow
MC19041002
Blue
6.0
3.8-4.4
50
MC19041007
HE Red
27.0
2.0-2.6
45
D
MC19051003
Green
30.0
MC19051001
Yellow
27.0
MC19051002
Blue
7.0
3.8-4.4
50
MC19051007
Operating temperature (TOP)
: -55
°C to +70°C.
Storage temperature (TSTG)
: -55
°C to +100°C.
The Led indicator is available in bright or black chrome reflector. The 7th digit has to be coded with 0 or 1.
Bright chrome = 0
Black chrome = 1
Example
: MC19020001 green with bright chrome.
MC19021000 green with black chrome.


유사한 부품 번호 - MC19031008

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC1903 MOTOROLA-MC1903 Datasheet
665Kb / 9P
   INTEGRATED CIRCUITS
More results

유사한 설명 - MC19031008

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
FC00530 GAMEWELL-FCI-FC00530 Datasheet
133Kb / 2P
   Enclosure, surface or recessed
logo
Schurter Inc.
DF11 SCHURTER-DF11_17 Datasheet
553Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
logo
Chicago Miniature Lamp,...
1902X25X CML-1902X25X Datasheet
366Kb / 1P
   LED Indicator 6mm Prominent(Exterior) bezel
1902X35X CML-1902X35X Datasheet
365Kb / 1P
   LED Indicator 6mm Prominent(Exterior) bezel
1902X00X CML-1902X00X Datasheet
361Kb / 1P
   LED Indicator 6mm Prominent(Exterior) bezel
logo
Schurter Inc.
DF11 SCHURTER-DF11_18 Datasheet
536Kb / 6P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11_V02 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
08.12.2021
DF11 SCHURTER-DF11_V01 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
logo
Lumins Inc.
NT100R LUMINIS-NT100R Datasheet
113Kb / 2P
   Wall recessed mount
logo
Chicago Miniature Lamp,...
1904X35X CML-1904X35X Datasheet
411Kb / 1P
   LED Indicator 8mm Prominent (Interior) Bezel
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com