전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ5930B 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 SMAJ5930B
상세설명  1.5 Watt Zener Diode 3.3 to 51 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAJ5930B 데이터시트(HTML) 2 Page - Micro Commercial Components

  SMAJ5930B Datasheet HTML 1Page - Micro Commercial Components SMAJ5930B Datasheet HTML 2Page - Micro Commercial Components SMAJ5930B Datasheet HTML 3Page - Micro Commercial Components SMAJ5930B Datasheet HTML 4Page - Micro Commercial Components SMAJ5930B Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS @25°C
ZENER
VOLTAGE
VZ (1)
TEST
CURRENT
IZT
MAXIMUM
DYNAMIC
IMPEDANCE
ZZT @ IZT
KNEE
CURRENT
IZK
KNEE
IMPEDANCE
ZZK
MAXIMUM
REVERSE
CURRENT
IR
REVERSE
VOLTAGE
VR
MCC
PART
NUMBER
VOLTS
mA
OHMS
mA
OHMS
µA
VOLTS
DEVICE
MARKING
SMAJ5913B THRU SMAJ5942B
SMAJ5918B
5.1
73.5
4.0
1.0
350
2.5
2.0
18B
SMAJ5919B
5.6
66.9
2.0
1.0
250
2.5
3.0
19B
SMAJ5920B
6.2
60.5
2.0
1.0
200
2.5
4.0
20B
SMAJ5921B
6.8
55.1
2.5
1.0
200
2.5
5.2
21B
SMAJ5922B
7.5
50.0
3.0
0.5
400
2.5
6.0
22B
SMAJ5923B
8.2
45.7
3.5
0.5
400
2.5
6.5
23B
SMAJ5924B
9.1
41.2
4.0
0.5
500
2.5
7.0
24B
SMAJ5925B
10
37.5
4.5
0.25
500
0.5
8.0
25B
SMAJ5926B
11
34.1
5.5
0.25
550
0.5
8.4
26B
SMAJ5927B
12
31.2
6.5
0.25
550
0.5
9.1
27B
SMAJ5928B
13
28.8
7.0
0.25
550
0.5
9.9
28B
SMAJ5929B
15
25.0
9.0
0.25
600
0.5
11.4
29B
SMAJ5930B
16
23.4
10.0
0.25
600
0.5
12.2
30B
SMAJ5931B
18
20.8
12.0
0.25
650
0.5
13.7
31B
SMAJ5932B
20
18.7
14.0
0.25
650
0.5
15.2
3
2B
SMAJ5933B
22
17.0
17.5
0.25
650
0.5
16.7
33B
SMAJ5934B
24
15.6
19.0
0.25
700
0.5
18.2
34B
SMAJ5935B
27
13.9
23.0
0.25
700
0.5
20.6
35B
SMAJ5936B
30
12.5
28.0
0.25
750
0.5
22.8
36B
SMAJ5937B
33
11.4
33.0
0.25
800
0.5
25.1
37B
SMAJ5938B
36
10.4
38.0
0.25
850
0.5
27.4
38B
SMAJ5939B
39
9.6
45.0
0.25
900
0.5
29.7
39B
SMAJ5940B
43
8.7
53.0
0.25
950
0.5
32.7
40B
SMAJ5941B
47
8.0
67.0
0.25
SMAJ5942B
51
7.3
70.0
0.25
1) Based on DC-measurement at thermal equilibrium while maintaining the lead temperature(TL) at 30 , 9.5mm(3/8’’)
from the diode body.
2 of 5
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision: A
2011/01/01
SMAJ5913B
3.3
SMAJ5914B
3.6
SMAJ5915B
3.9
96.1
7.5
1.0
500
SMAJ5916B
4.3
87.2
6.0
1.0
500
2.5
1.0
16B
SMAJ5917B
4.7
79.8
5.0
1.0
500
2.5
1.5
17B
104.2
9.0
1.0
500
35.5
1.0
14B
113.6
10.0
1.0
500
50.0
1.0
13B
12.5
1.0
15B
1000
0.5
35.8
4
1B
1100
0.5
38.8
42B


유사한 부품 번호 - SMAJ5930B

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
SMAJ5930B BILIN-SMAJ5930B Datasheet
153Kb / 4P
   Surface mount zener diode
logo
Micro Commercial Compon...
SMAJ5930BHE3 MCC-SMAJ5930BHE3 Datasheet
565Kb / 5P
   1.5 Watt Zener Diode 10 to 200 Volts
More results

유사한 설명 - SMAJ5930B

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
1N5913B MCC-1N5913B_12 Datasheet
263Kb / 3P
   1.5 Watt Zener Diode 3.3 to 51 Volts
DL5918B MCC-DL5918B Datasheet
219Kb / 3P
   1.5 Watt Zener Diode 5.1 to 51 Volts
SMAJ5913B MCC-SMAJ5913B_18 Datasheet
446Kb / 5P
   1.5 Watt Zener Diode 3.3 to 4.7 Volts
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
   1.5 Watt Zener Diode 11 to 200 Volts
SMAJ5918B MCC-SMAJ5918B Datasheet
464Kb / 5P
   1.5 Watt Zener Diode 5.1 to 200 Volts
SMAJ5925BHE3 MCC-SMAJ5925BHE3 Datasheet
565Kb / 5P
   1.5 Watt Zener Diode 10 to 200 Volts
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com