전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD1N80TF 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FQD1N80TF
상세설명  N-Channel QFET MOSFET 800 V, 1.0 A, 20
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD1N80TF 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FQD1N80TF Datasheet HTML 1Page - Fairchild Semiconductor FQD1N80TF Datasheet HTML 2Page - Fairchild Semiconductor FQD1N80TF Datasheet HTML 3Page - Fairchild Semiconductor FQD1N80TF Datasheet HTML 4Page - Fairchild Semiconductor FQD1N80TF Datasheet HTML 5Page - Fairchild Semiconductor FQD1N80TF Datasheet HTML 6Page - Fairchild Semiconductor FQD1N80TF Datasheet HTML 7Page - Fairchild Semiconductor FQD1N80TF Datasheet HTML 8Page - Fairchild Semiconductor FQD1N80TF Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2
468
10
10
-1
10
0
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 50V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
012
34
56
0
2
4
6
8
10
12
V
DS = 400V
V
DS = 160V
V
DS = 640V
Note : I
D = 1.0 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
50
100
150
200
250
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
10
-1
10
0
150℃
Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
20
30
40
50
V
GS = 20V
V
GS = 10V
Note : T
J = 25
I
D, Drain Current [A]
10
-1
10
0
10
1
10
-2
10
-1
10
0
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
©2009 Fairchild Semiconductor Corporation
FQD1N80 / FQU1N80 Rev. C0
www.fairchildsemi.com


유사한 부품 번호 - FQD1N80TF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
More results

유사한 설명 - FQD1N80TF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQD6N25TM FAIRCHILD-FQD6N25TM Datasheet
859Kb / 8P
   N-Channel QFET MOSFET 250 V, 4.4 A, 1.0
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
   N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
FQD6N50CTM FAIRCHILD-FQD6N50CTM Datasheet
547Kb / 8P
   N-Channel QFET MOSFET 500 V, 4.5 A, 1.2
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com