전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA6F12A-TP 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 SMA6F12A-TP
상세설명  600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMA6F12A-TP 데이터시트(HTML) 2 Page - Micro Commercial Components

  SMA6F12A-TP Datasheet HTML 1Page - Micro Commercial Components SMA6F12A-TP Datasheet HTML 2Page - Micro Commercial Components SMA6F12A-TP Datasheet HTML 3Page - Micro Commercial Components SMA6F12A-TP Datasheet HTML 4Page - Micro Commercial Components SMA6F12A-TP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MCC
SMA6F5.0A thru SMA6F13A
Revision: G
2014/03/18
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
Fig. 1 - Pulse Derating Curve
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,Ta (℃)
0
50
100
0
1
2
3
4
Time , (ms)
TJ = 25 °C
Pulse Width (td) is defined as the
point where the peak current
decays to 50 % of IPPM
10/1000
μsec. Waveform
as defined by R.E.A.
Tr=10
μs
Peak
Value ,
Half Value = Ipp
2
td
Fig. 2 - Pulse Waveform


유사한 부품 번호 - SMA6F12A-TP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SMA6F12A-M3 VISHAY-SMA6F12A-M3 Datasheet
117Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
More results

유사한 설명 - SMA6F12A-TP

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMA6F5.0A MCC-SMA6F5.0A_12 Datasheet
330Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F5.0A MCC-SMA6F5.0A Datasheet
328Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6J5.0A MCC-SMA6J5.0A Datasheet
287Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 33 Volts
5KP5.0 MCC-5KP5.0 Datasheet
509Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts
5KP250A MCC-5KP250A_15 Datasheet
404Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
SMAJ5.0 MCC-SMAJ5.0 Datasheet
165Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
5KP5.0 MCC-5KP5.0_11 Datasheet
608Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com