전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10731 데이터시트(PDF) 4 Page - Texas Instruments

부품명 ADC10731
상세설명  10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10731 데이터시트(HTML) 4 Page - Texas Instruments

  ADC10731 Datasheet HTML 1Page - Texas Instruments ADC10731 Datasheet HTML 2Page - Texas Instruments ADC10731 Datasheet HTML 3Page - Texas Instruments ADC10731 Datasheet HTML 4Page - Texas Instruments ADC10731 Datasheet HTML 5Page - Texas Instruments ADC10731 Datasheet HTML 6Page - Texas Instruments ADC10731 Datasheet HTML 7Page - Texas Instruments ADC10731 Datasheet HTML 8Page - Texas Instruments ADC10731 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ADC10731, ADC10732, ADC10734, ADC10738
SNAS081D – MAY 1999 – REVISED MARCH 2013
www.ti.com
Table 1. Pin Descriptions (continued)
Pin Name
Description
This pin is another analog input pin. It can be used as a “pseudo ground” when the analog
COM
multiplexer is single-ended.
This is the positive analog voltage reference input. In order to maintain accuracy, the voltage
VREF+
range VREF (VREF = VREF+–VREF−) is 0.5 VDCto 5.0 VDC and the voltage at VREF+ cannot
exceed AV+ +50 mV.
The negative voltage reference input. In order to maintain accuracy, the voltage at this pin
VREF
must not go below GND
− 50 mV or exceed AV+ + 50 mV.
These are the analog and digital power supply pins. These pins should be tied to the same
AV+, DV+
power supply and bypassed separately. The operating voltage range of AV+ and DV+ is
4.5 VDC to 5.5 VDC.
DGND
This is the digital ground pin.
AGND
This is the analog ground pin.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (V+ = AV+ = DV+)
6.5V
Total Reference Voltage (VREF+–VREF−)
6.5V
Voltage at Inputs and Outputs
V+ + 0.3V to
−0.3V
Input Current at Any Pin(4)
30 mA
Package Input Current(4)
120 mA
Package Dissipation at TA = 25°C
(5)
500 mW
Human Body Model
2500V
ESD Susceptibility(6)
Machine Model
150V
N packages (10 seconds)
260°C
Soldering Information
Vapor Phase (60 seconds)
215°C
SOIC Package
Infrared (15 seconds)
220°C
Storage Temperature
−40°C to +150°C
(1)
All voltages are measured with respect to GND, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN < GND or VIN > AV
+ or DV+), the current at that pin should be
limited to 30 mA. The 120 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of 30 mA to four.
(5)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax, θJA and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJmax − TA)/θJA or the number given In the Absolute
Maximum Ratings, whichever is lower. For this device, TJmax = 150°C. The typical thermal resistance (θJA) of these Paris when board
mounted can be found in the following Power Dissipation table:
(6)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
Operating Ratings
(1) (2)
Operating Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage (V+ = AV+ = DV+)
+4.5V to +5.5V
VREF+
AV+ +50 mV to
−50 mV
VREF
AV+ +50 mV to
−50 mV
VREF (VREF+–VREF−)
+0.5V to V+
(1)
Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured
specifications and test conditions, see the Electrical Characteristics table. The ensured specifications apply only for the test conditions
listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC10731 ADC10732 ADC10734 ADC10738


유사한 부품 번호 - ADC10731

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
ADC10731 NSC-ADC10731 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
Texas Instruments
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10731CIWM NSC-ADC10731CIWM Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
ADC10731CIWM NSC-ADC10731CIWM Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
More results

유사한 설명 - ADC10731

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
logo
Texas Instruments
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com