전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA555DTF 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA555DTF
상세설명  Single Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA555DTF 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA555DTF Datasheet HTML 1Page - Fairchild Semiconductor KA555DTF Datasheet HTML 2Page - Fairchild Semiconductor KA555DTF Datasheet HTML 3Page - Fairchild Semiconductor KA555DTF Datasheet HTML 4Page - Fairchild Semiconductor KA555DTF Datasheet HTML 5Page - Fairchild Semiconductor KA555DTF Datasheet HTML 6Page - Fairchild Semiconductor KA555DTF Datasheet HTML 7Page - Fairchild Semiconductor KA555DTF Datasheet HTML 8Page - Fairchild Semiconductor KA555DTF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
www.fairchildsemi.com
www.fairchildsemi.com
www.fairchildsemi.com
Rev. 1.0.3
Features
Features
Features
Features
• High Current Drive Capability (200mA)
• Adjustable Duty Cycle
• Temperature Stability of 0.005%/
°C
• Timing From
µsec to Hours
• Turn Off Time Less Than 2
µsec
Applications
Applications
Applications
Applications
• Precision Timing
• Pulse Generation
• Time Delay Generation
• Sequential Timing
Description
Description
Description
Description
The KA555 is a highly stable controller capable of
producing accurate timing pulses. With a monostable
operation, the time delay is controlled by one external
resistor and one capacitor. With an astable operation, the
frequency and duty cycle are accurately controlled by two
external resistors and one capacitor.
8-DIP
8-DIP
8-DIP
8-DIP
8-SOP
8-SOP
8-SOP
8-SOP
1
1
Internal Block Diagram
Internal Block Diagram
Internal Block Diagram
Internal Block Diagram
F/F
F/F
F/F
F/F
OutPut
OutPut
OutPut
OutPut
Stage
Stage
Stage
Stage
1
1
1
1
7
7
7
7
5
5
5
5
2
2
2
2
3
3
3
3
4
4
4
4
6
6
6
6
8
8
8
8
R
R
R
RR
R
R
RR
R
R
R
Comp.
Comp.
Comp.
Comp.
Comp.
Comp.
Comp.
Comp.
Discharging Tr.
Discharging Tr.
Discharging Tr.
Discharging Tr.
Vref
Vref
Vref
Vref
Vcc
Vcc
Vcc
Vcc
Discharge
Discharge
Discharge
Discharge
Threshold
Threshold
Threshold
Threshold
Control
Control
Control
Control
Voltage
Voltage
Voltage
Voltage
GND
GND
GND
GND
Trigger
Trigger
Trigger
Trigger
Output
Output
Output
Output
Reset
Reset
Reset
Reset
KA555
Single Timer


유사한 부품 번호 - KA555DTF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
More results

유사한 설명 - KA555DTF

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com