전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB190 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 SB190
상세설명  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SB190 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  SB190 Datasheet HTML 1Page - GOOD-ARK Electronics SB190 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Measured at 1.0MHz and applied reverse voltage of 4.0 VDC
(2) Thermal resistance junction to ambient
Symbols
SB120 SB130 SB140 SB150 SB160 SB170 SB180 SB190 SB1B0
Units
Maximum repetitive peak reverse voltage
V
RRM
20
30
40
50
60
70
80
90
100
Volts
Maximum RMS voltage
V
RMS
14
21
28
35
42
49
56
63
70
Volts
Maximum DC blocking voltage
V
DC
20
30
40
50
60
70
80
90
100
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at T
L=90
I
(AV)
1.0
Amp
Peak forward surge current, I
FM (surge):
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
30.0
Amps
Maximum forward voltage at 1.0A
V
F
0.55
0.70
0.85
Volts
Maximum full load reverse current, full cycle
average at T
A=75
I
R(AV)
30.0
mA
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=100
I
R
1.0
10.0
mA
Typical junction capacitance (Note 1)
C
J
110.0
F
Typical thermal resistance (Note 2)
R
JA
80.0
/W
Operating and storage temperature range
T
J, TSTG
-50 to +125
Features
Mechanical Data
SB120 THRU SB1B0
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 1.0 Ampere
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Flame retardant epoxy molding compound
1.0 ampere operation at T
L=90
with no thermal runaway
For use in low voltage, high frequency inverters
free wheeling, and polarity protection applications
Case: Molded plastic, DO-41
Terminals: Axial leads, solderable per
MIL-STD-202, method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.012 ounce, 0.33 gram
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.165
0.205
4.2
5.2
B
0.079
0.106
2.0
2.7
C
0.028
0.034
0.71
0.86
D
1.000
-
25.40
-
1


유사한 부품 번호 - SB190

제조업체부품명데이터시트상세설명
logo
Zowie Technology Corpor...
SB190 ZOWIE-SB190 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SB190 EIC-SB190 Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diodes Incorporated
SB190 DIODES-SB190 Datasheet
63Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. B-1
logo
Shenzhen Luguang Electr...
SB190 LUGUANG-SB190 Datasheet
188Kb / 2P
   Schottky Barrier Rectifiers
logo
EIC discrete Semiconduc...
SB190 EIC-SB190 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
More results

유사한 설명 - SB190

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com