전자부품 데이터시트 검색엔진 |
|
ADC084S051 데이터시트(PDF) 9 Page - Texas Instruments |
|
|
ADC084S051 데이터시트(HTML) 9 Page - Texas Instruments |
9 / 28 page 2 1 f 2 6 f 2 2 f 10 ‡ A A + + A log 20 = THD ADC084S051 www.ti.com SNAS261F – NOVEMBER 2004 – REVISED MARCH 2013 TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dB or dBc, of the rms total of the first five harmonic components at the output to the rms level of the input signal frequency as seen at the output. THD is calculated as where • Af1 is the RMS power of the input frequency at the output and Af2 through Af6 are the RMS power in the first 5 harmonic frequencies. (2) THROUGHPUT TIME is the minimum time required between the start of two successive conversion. It is the acquisition time plus the conversion and read out times. In the case of the ADC084S051, this is 16 SCLK periods. Copyright © 2004–2013, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: ADC084S051 |
유사한 부품 번호 - ADC084S051 |
|
유사한 설명 - ADC084S051 |