전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBL4005G-G 데이터시트(PDF) 1 Page - Comchip Technology

부품명 KBL4005G-G
상세설명  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBL4005G-G 데이터시트(HTML) 1 Page - Comchip Technology

  KBL4005G-G Datasheet HTML 1Page - Comchip Technology KBL4005G-G Datasheet HTML 2Page - Comchip Technology KBL4005G-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Glass Passivated Bridge Rectifiers
Page 1
REV:A
KBL4005-G Thru. KBL410-G
Parameter
Symbol
Unit
Dimensions in inches and (millimeter)
QW-BBR70
Maximum Reverse Peak Repetitive Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Output
Current at 50°C
(Note 1)
TA
Peak Forward Surage Current ,
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load
Operating Temperature Range
Storage Temperature Range
Reverse Voltage: 50 to 1000V
Forward Current: 4.0Amperes
RoHS Device
Maximum ratings and electrical characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
50
35
50
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
TJ
TSTG
125
1.1
10.0
-55 to +150
-55 to +150
V
V
V
A
A
V
μA
°C
KBL
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Comchip Technology CO., LTD.
Notes:
Features
-Surge overload rating - 125 amperes peak.
Mechanical Data
Maximum Forward Voltage Drop Per Element
-Ideal for printed circuit board.
4.0
°C
Maximum Reverse Current
at Rate DC Blocking Voltage
1. Mounting conditions, 0.5” lead length maximum.
KBL
4005-G
KBL
401-G
KBL
402-G
KBL
404-G
KBL
406-G
KBL
408-G
KBL
410-G
-Epoxy: U/L 94-V0 rate flame retardant.
-Mounting position: Any
-Case: Molded plastic, KBL
-Weight: 5.04 grams.
0.768(19.5)
0.728(18.5)
0.547(13.9)
0.587(14.9)
(19.0)
0.750
MIN.
0.087 (2.2)
0.220(5.6)
0.236(6.0)
0.256(6.5)
0.157(4.0)*45°
0.157(4.0)*45°C
0.180(4.6)
0.048(1.2)TYP.
0.052(1.3)DIA.
0.640(16.3)
0.600(15.2)
IR
1.0
mA
DC Blocking Voltage and 150°C TA
Maximum Reverse Current
At Rate
at 4.0A Peak
0.071 (1.8)


유사한 부품 번호 - KBL4005G-G

제조업체부품명데이터시트상세설명
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

유사한 설명 - KBL4005G-G

제조업체부품명데이터시트상세설명
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com