전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS04A03T3V3 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 GS04A03T3V3
상세설명  MAX Guard??ESD Suppressor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

GS04A03T3V3 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  GS04A03T3V3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS04A03T3V3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS04A03T3V3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS04A03T3V3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS04A03T3V3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS04A03T3V3 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS04A03T3V3 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS04A03T3V3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MAX Guard
 ESD Suppressor
(Low Capacitance Series)
Document No
TGS-XX0S001C
Issued date
2013/8/30
Page
5/8
TA-I TECHNOLOGY CO., LTD
7.2 Reel Specifications
Unit: mm
Series
A
B
C
W
T
GS04
GS06
180
+0
-3
60 min
13.0±1.0
9.0±1.0
11.4±2.0
7.3 Peel –off force
8. Storage Conditions:
Temperature: 5℃~35℃, Humidity: 40%~75%
9. Shelf Life:
2 years from manufacturing date
Carrier tape
Top cover tape
10~15
o , Standard :0.1~0.7N
Pull
300mm/min


유사한 부품 번호 - GS04A03T3V3

제조업체부품명데이터시트상세설명
logo
ITT Industries
GS04MABE ITT-GS04MABE Datasheet
230Kb / 2P
   Sealed Ultraminiature Slide Switches
logo
C&K Components
GS04MABE CK-COMPONENTS-GS04MABE Datasheet
223Kb / 2P
   Sealed Ultraminiature Slide Switches
logo
ITT Industries
GS04MCBE ITT-GS04MCBE Datasheet
230Kb / 2P
   Sealed Ultraminiature Slide Switches
logo
C&K Components
GS04MCBE CK-COMPONENTS-GS04MCBE Datasheet
223Kb / 2P
   Sealed Ultraminiature Slide Switches
logo
ITT Industries
GS04MSABE ITT-GS04MSABE Datasheet
230Kb / 2P
   Sealed Ultraminiature Slide Switches
More results

유사한 설명 - GS04A03T3V3

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
UGS04A03T3V3 ETC-UGS04A03T3V3 Datasheet
638Kb / 8P
   MAX Guard ESD Suppressor
TGS06A12T30 ETC-TGS06A12T30 Datasheet
614Kb / 8P
   MAX Guard Transient Voltage Suppressor
logo
American Accurate Compo...
UMSA24A03T1V1 AAC-UMSA24A03T1V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
MS04A03T1V1 AAC-MS04A03T1V1 Datasheet
59Kb / 1P
   MS Low Capacitance MAX Guard짰 ESD Suppressor
MSA24A03T1V1 AAC-MSA24A03T1V1 Datasheet
66Kb / 1P
   MSA Low Capacitance MAX Guard짰 ESD Suppressor Array
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA-TR1 EATON-0603ESDA-TR1 Datasheet
783Kb / 3P
   ESD suppressor
logo
Panasonic Semiconductor
EZA-EG2A50AX PANASONIC-EZA-EG2A50AX Datasheet
94Kb / 2P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA2-TR2 EATON-0603ESDA2-TR2 Datasheet
494Kb / 3P
   ESD suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE1005A015FR ICT-ULCE1005A015FR Datasheet
90Kb / 5P
   ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com