전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MV06E120T101- 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 MV06E120T101-
상세설명  Multilayer Chip Varistor for Surge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

MV06E120T101- 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

  MV06E120T101- Datasheet HTML 1Page - List of Unclassifed Manufacturers MV06E120T101- Datasheet HTML 2Page - List of Unclassifed Manufacturers MV06E120T101- Datasheet HTML 3Page - List of Unclassifed Manufacturers MV06E120T101- Datasheet HTML 4Page - List of Unclassifed Manufacturers MV06E120T101- Datasheet HTML 5Page - List of Unclassifed Manufacturers MV06E120T101- Datasheet HTML 6Page - List of Unclassifed Manufacturers MV06E120T101- Datasheet HTML 7Page - List of Unclassifed Manufacturers MV06E120T101- Datasheet HTML 8Page - List of Unclassifed Manufacturers MV06E120T101- Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Multilayer Chip Varistor for Surge and
ESD Protection
– E Type Series
Document No
TMVE-XXOS001C
Issued date
2012/02/13
Page
8/9
TA-I TECHNOLOGY CO., LTD
8.7.2 Recommended Soldering Condition 2(Without preheating)
(1) Solder iron tip shall not directly touch to ceramic dielectrics.
(2) Solder iron tip shall be fully preheated before soldering while soldering iron tip to
the external electrode of Varistors.
8.8 Post Soldering Cleaning
8.8.1 Residues of corrosive soldering fluxes on the PC board after cleaning may
greatly have influences on the electrical characteristic and the reliability (such as
humidity resistance) of the Varistors which have been mounted on the board. It
shall be confirmed that the characteristic and the reliability of the devices are not
affected by the applied cleaning conditions
8.8.2 When an ultrasonic cleaning is applied to the mounted Varistors on PC Boards.
Following conditions are recommended for preventing failures or damages of the
devices due to the large vibration energy and the resonance caused by the
ultrasonic waves.
(1) Frequency 29MHz max
(2) Radiated Power 20w/lithr max
(3) Period 5minuets max
9. Storage condition of products
9.1 Storage Conditions:
(1) Storage Temperature: -10℃~+40℃
(2) Relative humidity: ≦75%RH
(3) Varistor must be kept away from sunlight and stored in a non-corrosive
atmosphere.
9.2 Period of Storage: 1 year
10. ECN
Engineering Change Notice: The customer will be informed with ECN if there is
significant modification on the characteristics and materials described in Approval
Sheet.


유사한 부품 번호 - MV06E120T101-

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MV06L04T-080 ETC-MV06L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV06L06T-120 ETC-MV06L06T-120 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV06L11T-180 ETC-MV06L11T-180 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV06L14T-240 ETC-MV06L14T-240 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV06L17T-270 ETC-MV06L17T-270 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results

유사한 설명 - MV06E120T101-

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com