전자부품 데이터시트 검색엔진 |
|
SMBJ120 데이터시트(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
SMBJ120 데이터시트(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
2 / 4 page TRR Industry No. TRR House No. Marking Code Breakdown Voltage at IT (1) V(BR) (V) Test Current Stand-off Voltage Maximum Reverse Leakage at VWM Maximum Peak Pulse Surge Current (2) Maximum Clamping Voltage at IPPM UNI BI Min Max IT (mA) VWM (V) ID (µA) IPPM (A) VC (V) SMBJ5.0 6BT5 KD AD 6.40 7.82 10.0 5.0 800 62.5 9.6 SMBJ5.0A 6BT5A KE AE 6.40 7.07 10.0 5.0 800 65.2 9.2 SMBJ6.0 6BT6 KF AF 6.67 8.15 10.0 6.0 800 52.6 11.4 SMBJ6.0A 6BT6B KG AG 6.70 7.37 10.0 6.0 800 58.3 10.3 SMBJ6.5 6BT6.5 KH AH 7.22 8.82 10.0 6.5 500 48.8 12.3 SMBJ6.5A 6BT6.5A KK AK 7.22 7.98 10.0 6.5 500 53.6 11.2 SMBJ7.0 6BT7 KL AL 7.78 9.51 10.0 7.0 200 45.1 13.3 SMBJ7.0A 6BT7A KM AM 7.78 8.60 10.0 7.0 200 50.0 12.0 SMBJ7.5 6BT7.5 KN AN 8.33 10.2 1.0 7.5 100 42.0 14.3 SMBJ7.5A 6BT7.5A KP AP 8.33 9.21 1.0 7.5 100 46.5 12.9 SMBJ8.0 6BT8 KQ AQ 8.89 10.9 1.0 8.0 50 40.0 15.0 SMBJ8.0A 6BT8A KR AR 8.89 9.83 1.0 8.0 50 44.1 13.6 SMBJ8.5A 6BT8.5 KS AS 9.44 11.5 1.0 8.0 10 37.7 15.9 SMBJ8.5A 6BT8.5A KT AT 9.44 10.4 1.0 8.5 10 41.7 14.4 SMBJ9.0 6BT9 KU AU 10.0 12.2 1.0 9.0 1.0 35.5 16.9 SMBJ9.0A 6BT9A KV AV 10.0 11.1 1.0 9.0 1.0 39.0 15.4 SMBJ10 6BT10 KW AW 11.1 13.6 1.0 10 1.0 31.9 18.8 SMBJ10A 6BT10A KX AX 11.1 12.3 1.0 10 1.0 35.3 17.0 SMBJ11 6BT11 KY AY 12.2 14.9 1.0 11 1.0 29.9 20.1 SMBJ11A 6BT11A KZ AZ 12.2 13.5 1.0 11 1.0 33.0 18.2 SMBJ12 6BT12 LD BD 13.3 16.3 1.0 12 1.0 27.3 22.0 SMBJ12A 6BT12A LE BE 13.3 14.7 1.0 12 1.0 30.2 19.9 SMBJ13 6BT13 LF BF 14.4 17.6 1.0 13 1.0 25.2 23.8 SMBJ13A 6BT13A LG BG 14.4 15.9 1.0 13 1.0 27.9 21.5 SMBJ14 6BT14 LH BH 15.6 19.1 1.0 14 1.0 23.3 25.8 SMBJ14A 6BT16B LK BK 15.6 17.2 1.0 14 1.0 25.8 23.2 SMBJ15 6BT15 LL BL 16.7 20.4 1.0 15 1.0 22.3 26.9 SMBJ15A 6BT15A LM BM 16.7 18.5 1.0 15 1.0 24.6 24.4 SMBJ16 6BT16 LN BN 17.8 21.8 1.0 16 1.0 20.8 28.8 SMBJ16A 6BT16B LP BP 17.8 19.7 1.0 16 1.0 23.1 26.0 SMBJ17 6BT17 LQ BQ 18.9 23.1 1.0 17 1.0 19.7 30.5 SMBJ17A 6BT17A LR BR 18.9 20.9 1.0 17 1.0 21.7 27.6 SMBJ18 6BT18 LS BS 20.0 24.4 1.0 18 1.0 18.6 32.2 SMBJ18A 6BT18A LT BT 20.0 22.1 1.0 18 1.0 20.5 29.2 SMBJ20 6BT20 LU BU 22.2 27.1 1.0 20 1.0 16.7 35.8 SMBJ20A 6BT20A LV BV 22.2 24.5 1.0 20 1.0 18.5 32.4 SMBJ22 6BT22 LW BW 24.4 29.8 1.0 22 1.0 15.2 39.4 SMBJ22A 6BT22A LX BX 24.4 26.9 1.0 22 1.0 16.9 35.5 SMBJ24 6BT24 LY BY 26.7 32.6 1.0 24 1.0 14.0 43.0 SMBJ24A 6BT26B LZ BZ 26.7 29.5 1.0 24 1.0 15.4 38.9 SMBJ26 6BT26 MD CD 28.9 35.3 1.0 26 1.0 12.9 46.6 SMBJ26A 6BT26B ME CE 28.9 31.9 1.0 26 1.0 14.3 42.1 SMBJ28 6BT28 MF CF 31.1 38.0 1.0 28 1.0 12.0 50.0 SMBJ28A 6BT28A MG CG 31.1 34.4 1.0 28 1.0 13.2 45.4 SMBJ30 6BT30 MH CH 33.3 40.7 1.0 30 1.0 11.2 53.5 SMBJ30A 6BT30A MK CK 33.3 36.8 1.0 30 1.0 12.4 48.4 SMBJ33 6BT33 ML CL 36.7 44.9 1.0 33 1.0 10.2 59.0 Notes: (1) Pulse test : Tp ≦ 50ms (2) Surge current waveform Per Fig. 3 and derate Per Fig. 2 (3) Ratings at 25°C ambient temperature unless otherwise specified. http://www.trr-jx.com SMBJ5.0 THRU SMBJ188A TRANSIENT VOLTAGE SUPPRESSORS |
유사한 부품 번호 - SMBJ120 |
|
유사한 설명 - SMBJ120 |