전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6999-50 데이터시트(PDF) 2 Page - Hamamatsu Corporation

부품명 L6999-50
상세설명  The best light source is supported by the best electrode technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMAMATSU [Hamamatsu Corporation]
홈페이지  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L6999-50 데이터시트(HTML) 2 Page - Hamamatsu Corporation

  L6999-50 Datasheet HTML 1Page - Hamamatsu Corporation L6999-50 Datasheet HTML 2Page - Hamamatsu Corporation L6999-50 Datasheet HTML 3Page - Hamamatsu Corporation L6999-50 Datasheet HTML 4Page - Hamamatsu Corporation L6999-50 Datasheet HTML 5Page - Hamamatsu Corporation L6999-50 Datasheet HTML 6Page - Hamamatsu Corporation L6999-50 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LONG LIFE : 4000 HOURS
4 times longer guaranteed life
I Life Characteristics
TIME(hours)
4000
3000
2000
1000
0
0
100
50
HIGH LIGHT OUTPUT : 1.3 TIMES HIGHER
1.1 times higher (L2-4000 series)
I Radiant Output Intensity
L2D2LAMP
L2-2000
SERIES
1.3 TIMES
HIGHER
(L2-2000 Series)
HIGH STABILITY : 2 TIMES STABLE
Fluctuation: 0.05 %p-p, Drift:
±0.3 %/h
TIME (30 s/div.)
I Light Output Stability
TLSOB0051EA
1
×10-5AU
L2D2 LAMPS
CONVENTIONAL LAMPS
EXCELLENT
TEMPERATURE
CHARACTERISTICS
LESS MOVEMENT
OF ARC
EMISSION POINT
SMALL INTENSITY VARIATIONS : 1/2
Compared to our conventional lamps
I Intensity Variation
TLSOB0053EA
TLSOF0138
TLSOB0052EA
HPLC
Atomic Absorption Spectrophotometers
Thin Layer Chromatography
UV-VIS Spectrophotometers
CE(Capillary Electrophoresis)
SOx/NOx Analyzers
Film Thickness Measurement
APPLICATIONS
L2D2 Lamps (Deuterium Lamps )
The L2-4000 series lamps
assure an operating life of
4000 hours-4 times longer
than conventional lamps.
This is the longest operat-
ing life of any deuterium
lamp.
The L2-2000 series lamps
produce 1.3 times higher
light output than conven-
tional lamps. The L2-4000
series lamps even offer
light output 1.1 times higher
than conventional lamps.
By using a newly devel-
oped ceramic structure, a
uniform and optimum tem-
perature distribution, which
are
the most important
factor for stable operation,
can
be obtained.
This
results in fluctuations of
only 0.05 %p-p in the light
output, as well as a re-
duced drift of only
±0.3 %/h.
Use of a ceramic structure with excellent thermal
stability ensures stable lamp operation even in
the presence of ambient temperature variations.
The spacing between elec-
trodes is kept fixed by a
molded ceramic spacer.
This reduces the lamp to
lamp variations in the light
output to one half of that
obtained with our lamps
having a conventional all
metal structure.
Since the ceramic structure has a small thermal
expansion coefficient, there is virtually no move-
ment of the arc emission point during operation.
TLSOB0050EA
WAVELENGTH (nm)
190
0
0.5
1
1.5
2
2.5
3
3.5
4
210
230
250
270
290
310
330
350
370
390
L2D2 LAMPS
CONVENTIONAL
LAMPS
L2-2000
SERIES
L2D2 LAMP
L2D2 LAMP
L2-4000
SERIES
CONVENTIONAL
TYPE
CONVENTIONAL
TYPE
1
2
WAVELENGTH(nm)
390
370
350
330
310
0
1
2
3
4
290
270
250
230
210
190


유사한 부품 번호 - L6999-50

제조업체부품명데이터시트상세설명
logo
Hamamatsu Corporation
L6999-51 HAMAMATSU-L6999-51 Datasheet
202Kb / 2P
   UV-VIS FIBER LIGHT SOURCE
More results

유사한 설명 - L6999-50

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
logo
Roithner LaserTechnik G...
LFO-14-IP ROITHNER-LFO-14-IP Datasheet
126Kb / 1P
   best source
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Seoul Semiconductor
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
   Achieving the best system for Horticulture
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com