전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD5810-F085 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDD5810-F085
상세설명  N-Channel Logic Level Trench MOSFET 60V, 36A, 27m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5810-F085 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDD5810-F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDD5810 Rev. A (W)
www.fairchildsemi.com
3
Switching Characteristics
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 110μH, IAS = 28A, VDD = 54V, VGS = 10V.
ton
Turn-On Time
VDD = 30V, ID = 35A
VGS = 5V, RGS = 11Ω
-
-
130
ns
td(on)
Turn-On Delay Time
-
12
-
ns
tr
Rise Time
-
75
-
ns
td(off)
Turn-Off Delay Time
-
26
-
ns
tf
Fall Time
-
34
-
ns
toff
Turn-Off Time
-
-
90
ns
VSD
Source to Drain Diode Voltage
ISD = 32A
-
-
1.25
V
ISD = 16A
-
-
1.0
V
trr
Reverse Recovery Time
IF = 35A, di/dt = 100A/μs
-
-
39
ns
Qrr
Reverse Recovery Charge
IF = 35A, di/dt = 100A/μs
-
-
35
nC


유사한 부품 번호 - FDD5810-F085

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FDD5810-F085 ONSEMI-FDD5810-F085 Datasheet
350Kb / 8P
   N-Channel Logic Level Trench짰MOSFET
September-2017,Rev.1
More results

유사한 설명 - FDD5810-F085

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810_10 Datasheet
229Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET 60V, 36A, 27m"||" "474244
Wolfson AudioPlus??Stereo CODEC with Power Managem
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
FDC855N FAIRCHILD-FDC855N Datasheet
278Kb / 6P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET 30V, 6.1A, 27m廓
FDB24AN06LA0 FAIRCHILD-FDB24AN06LA0 Datasheet
248Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 36A, 24mohm
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0 Datasheet
226Kb / 11P
   N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
logo
MagnaChip Semiconductor...
MDD1754 MGCHIP-MDD1754 Datasheet
678Kb / 6P
   N-Channel Trench MOSFET, 40V, 20.5A, 27m(ohm)
logo
Fairchild Semiconductor
FDD26AN06A0 FAIRCHILD-FDD26AN06A0_11 Datasheet
876Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 36A, 26m廓
FDMC6296 FAIRCHILD-FDMC6296 Datasheet
274Kb / 7P
   Single N-Channel Logic-Level Power Trench MOSFET
FQB20N06L FAIRCHILD-FQB20N06L Datasheet
680Kb / 9P
   60V LOGIC N-Channel MOSFET
FQP20N06L FAIRCHILD-FQP20N06L Datasheet
673Kb / 8P
   60V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com