전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMART1000RM1U 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SMART1000RM1U
상세설명  SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 1U Rackmount, USB, RS232, EPO, 120V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1000RM1U 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART1000RM1U Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1000RM1U Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1000RM1U Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1000RM1U Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1000RM1U Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1000RM1U Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1000RM1U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Supports detailed monitoring of equipment load levels, self-test data and utility power conditions via built-in RS-232 and USB interfaces
HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Optional SNMPWEBCARD offers communications and control via secure remote web and network interfaces
3 stage metered LEDs offer current monitoring and battery charge level
Mains power and voltage regulation LEDs offer at-a-glance power status information
Front panel switches support self-test and alarm cancel functions
Field replaceable, hot-swappable internal UPS batteries
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1000
Output kVA capacity (kVA)
1
Output Watt Capacity (watts)
800
Output power factor
0.8
Nominal Output Voltage(s)
Supported
120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
-21%, +8%
Output voltage regulation (Battery
mode)
+/- 5%
Built-in UPS output receptacles
6 5-15R outlet(s)
Built-in controllable switched load
banks
Two switchable single-outlet 5-15R load banks
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
Pure Sine wave
INPUT
Rated input current (at maximum
load)
9.2A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
Input circuit breaker
15A
Recommended Electrical Service
15A 120V
Input cord length (ft.)
10
Input cord length (m)
3
Phase
Single-Phase
BATTERY
2 / 6


유사한 부품 번호 - SMART1000RM1U

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART1000RM1UN TRIPPLITE-SMART1000RM1UN Datasheet
171Kb / 6P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, 1U Rack, WEBCARDLX Network Interface, USB, DB9, 6 Outlets
SMART1000RM1U TRIPPLITE-SMART1000RM1U_15 Datasheet
482Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
More results

유사한 설명 - SMART1000RM1U

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMART1000RM2U ETC2-SMART1000RM2U Datasheet
516Kb / 7P
   SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
SMART750RM1U ETC2-SMART750RM1U Datasheet
486Kb / 6P
   SmartPro .75kVA 600W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 1U Rackmount, USB
SMART2200RM2U ETC2-SMART2200RM2U Datasheet
507Kb / 6P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART500RT1U ETC2-SMART500RT1U Datasheet
485Kb / 6P
   SmartPro .5kVA Line-Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB, Serial, EPO, 120V
logo
Tripp Lite. All Rights ...
SMART1000RM1U TRIPPLITE-SMART1000RM1U_15 Datasheet
482Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SMC1000T TRIPPLITE-SMC1000T Datasheet
523Kb / 4P
   SmartPro 100-110-120V 1kVA 650W Line Interactive Sine Wave UPS, Tower, USB, RS232
SMART1000RM1UN TRIPPLITE-SMART1000RM1UN Datasheet
171Kb / 6P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, 1U Rack, WEBCARDLX Network Interface, USB, DB9, 6 Outlets
logo
List of Unclassifed Man...
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
SMX750SLT ETC2-SMX750SLT Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com