전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMART1000RM1U 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 SMART1000RM1U
상세설명  SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 1U Rackmount, USB, RS232, EPO, 120V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1000RM1U 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  SMART1000RM1U Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1000RM1U Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1000RM1U Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1000RM1U Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1000RM1U Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1000RM1U Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1000RM1U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category A
(EMI); ENERGY STAR Qualified
WARRANTY
Product Warranty Period (Worldwide)
2-year warranty, 3 year with registration. Note: Registration is required for 3-year warranty.
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$250,000 Ultimate Lifetime Insurance
Related Items
Optional Products
Model Number
Description
Qty.
WEXT5-500-1500
5-Year Extended Warranty - For Smart Line-Interactive and Online Tower or Rack models, 1500VA
or less
1
SNMPWEBCARD
For remote monitoring and control via SNMP, Web, or Telnet.
1
ENVIROSENSE
Monitors temperature, humidity and contact-closure inputs. (Requires SNMPWEBCARD or switched
PDU.)
1
PDUB15
Single-Phase Hot-Swap PDU, 1.4kW 15A 120V, 2U Horizontal Rackmount, 8 NEMA 5-15R outlets,
set of 2 NEMA 5-15P input plugs
1
PDU1215
Single-Phase Basic PDU, 1.8kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets,
NEMA 5-15P input plug
1
PDUV15
Single-Phase Basic PDU, 1.8kW 15A 120V, 0U Vertical Rackmount, 14 NEMA 5-15R outlets, NEMA
5-15P input plug
1
PDUMH15
Single-Phase Metered PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets,
NEMA 5-15P input, 15ft / 4.5m cord
1
PDUMV15
Single-Phase Metered PDU, 1.4kW 15A 120V, 0U Vertical Rackmount, 16 NEMA 5-15R outlets,
NEMA 5-15P input plug
1
PDUMNH15
Single-Phase Monitored PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 8 NEMA 5-15R outlets,
NEMA 5-15P input plug
1
PDUMNV15
Single-Phase Monitored PDU, 1.4kW 15A 120V, 0U Vertical Rackmount, 16 NEMA 5-15R outlets,
NEMA 5-15P input plug
1
PDUMH15NET2
Single-Phase Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 8 NEMA 5-15R outlets,
NEMA 5-15P input plug
1
PDUMV15NET
Single-Phase Switched PDU, 1.4kW 15A 120V, 0U Vertical Rackmount, 16 NEMA 5-15R outlets,
NEMA 5-15P input plug
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/SMART1000RM1U.
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
5 / 6


유사한 부품 번호 - SMART1000RM1U

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART1000RM1UN TRIPPLITE-SMART1000RM1UN Datasheet
171Kb / 6P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, 1U Rack, WEBCARDLX Network Interface, USB, DB9, 6 Outlets
SMART1000RM1U TRIPPLITE-SMART1000RM1U_15 Datasheet
482Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
More results

유사한 설명 - SMART1000RM1U

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMART1000RM2U ETC2-SMART1000RM2U Datasheet
516Kb / 7P
   SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
SMART750RM1U ETC2-SMART750RM1U Datasheet
486Kb / 6P
   SmartPro .75kVA 600W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 1U Rackmount, USB
SMART2200RM2U ETC2-SMART2200RM2U Datasheet
507Kb / 6P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART500RT1U ETC2-SMART500RT1U Datasheet
485Kb / 6P
   SmartPro .5kVA Line-Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB, Serial, EPO, 120V
logo
Tripp Lite. All Rights ...
SMART1000RM1U TRIPPLITE-SMART1000RM1U_15 Datasheet
482Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SMC1000T TRIPPLITE-SMC1000T Datasheet
523Kb / 4P
   SmartPro 100-110-120V 1kVA 650W Line Interactive Sine Wave UPS, Tower, USB, RS232
SMART1000RM1UN TRIPPLITE-SMART1000RM1UN Datasheet
171Kb / 6P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, 1U Rack, WEBCARDLX Network Interface, USB, DB9, 6 Outlets
logo
List of Unclassifed Man...
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
SMX750SLT ETC2-SMX750SLT Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com