전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMART1200XLHG 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SMART1200XLHG
상세설명  SmartPro Medical Grade 1kVA 120V Line interactive Tower UPS with Extended-run, full isolation, USB & Serial ports
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1200XLHG 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART1200XLHG Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1200XLHG Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1200XLHG Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1200XLHG Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1200XLHG Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1200XLHG Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1200XLHG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
28 min. half-load runtime (500VA/375W), 10 min. full load runtime (1000VA/750W)
4 protected hospital-grade outlets; 6-ft. cord
USB and DB9 communication ports
PowerAlert unattended shutdown software and complete cabling included
Complete surge protection, line isolation and EMI/RFI noise filtering
5 diagnostic LEDs indicate AC present, on battery, voltage correction, overload & battery low/replace
Battery replacement door and back panel grounding lug
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1000
Output kVA capacity (kVA)
1
Output Watt Capacity (watts)
750
Output power factor
0.8
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
-18%, +8%
Output voltage regulation (Battery
mode)
115V (+/- 5%)
Built-in UPS output receptacles
4 5-15R outlet(s)
Output receptacle details
Hospital grade output receptacles
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
9.2A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P-HG
Input circuit breaker
15A
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Recommended Electrical Service
15A 120V
Phase
Single-Phase
BATTERY
2 / 6


유사한 부품 번호 - SMART1200XLHG

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART1200XLHGL TRIPPLITE-SMART1200XLHGL Datasheet
163Kb / 5P
   SmartPro 120V 1kVA 750W Medical-Grade Line-Interactive Tower UPS with 4 Outlets, Full Isolation, USB, Lithium Battery
SMART1200XLHG TRIPPLITE-SMART1200XLHG_15 Datasheet
494Kb / 5P
   SmartPro 120V 1kVA 750W UL 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
More results

유사한 설명 - SMART1200XLHG

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMART700HG ETC2-SMART700HG Datasheet
492Kb / 6P
   SmartPro Medical Grade .7kVA 120V Line interactive Tower UPS, full isolation, USB & Serial ports
logo
Tripp Lite. All Rights ...
SMART1200XLHG TRIPPLITE-SMART1200XLHG_15 Datasheet
494Kb / 5P
   SmartPro 120V 1kVA 750W UL 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
   SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
logo
List of Unclassifed Man...
SMX700HG ETC2-SMX700HG Datasheet
494Kb / 4P
   SmartPro Medical Grade .7kVA 230V Line interactive Tower UPS, full isolation, USB & Serial ports
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
   SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART1200XLHGL TRIPPLITE-SMART1200XLHGL Datasheet
163Kb / 5P
   SmartPro 120V 1kVA 750W Medical-Grade Line-Interactive Tower UPS with 4 Outlets, Full Isolation, USB, Lithium Battery
logo
List of Unclassifed Man...
SMART3000NET ETC2-SMART3000NET Datasheet
514Kb / 6P
   SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART1500XL TRIPPLITE-SMART1500XL_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
   SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART3000NET TRIPPLITE-SMART3000NET_15 Datasheet
508Kb / 4P
   SmartPro 120V 3kVA 2.4kW Line-Interactive UPS,Extended Run, Tower, 3-DB9 ports
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com