전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1085 데이터시트(PDF) 2 Page - Hitachi Semiconductor

부품명 2SA1085
상세설명  Silicon PNP Epitaxial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SA1085 데이터시트(HTML) 2 Page - Hitachi Semiconductor

  2SA1085 Datasheet HTML 1Page - Hitachi Semiconductor 2SA1085 Datasheet HTML 2Page - Hitachi Semiconductor 2SA1085 Datasheet HTML 3Page - Hitachi Semiconductor 2SA1085 Datasheet HTML 4Page - Hitachi Semiconductor 2SA1085 Datasheet HTML 5Page - Hitachi Semiconductor 2SA1085 Datasheet HTML 6Page - Hitachi Semiconductor 2SA1085 Datasheet HTML 7Page - Hitachi Semiconductor 2SA1085 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SA1083, 2SA1084, 2SA1085
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SA1083
2SA1084
2SA1085
Unit
Collector to base voltage
V
CBO
–60
–90
–120
V
Collector to emitter voltage
V
CEO
–60
–90
–120
V
Emitter to base voltage
V
EBO
–5
–5
–5
V
Collector current
I
C
–100
–100
–100
mA
Emitter current
I
E
100
100
100
mA
Collector power dissipation
P
C
400
400
400
mW
Junction temperature
Tj
150
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
–55 to +150
°C


유사한 부품 번호 - 2SA1085

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SA1085 RENESAS-2SA1085 Datasheet
175Kb / 6P
   Silicon PNP Epitaxial
2SA1085 RENESAS-2SA1085 Datasheet
162Kb / 9P
   Silicon PNP Epitaxial
2SA1085DTZ-E RENESAS-2SA1085DTZ-E Datasheet
175Kb / 6P
   Silicon PNP Epitaxial
2SA1085ETZ-E RENESAS-2SA1085ETZ-E Datasheet
175Kb / 6P
   Silicon PNP Epitaxial
More results

유사한 설명 - 2SA1085

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com