전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1194 데이터시트(PDF) 3 Page - Hitachi Semiconductor

부품명 2SA1194
상세설명  Silicon PNP Epitaxial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SA1194 데이터시트(HTML) 3 Page - Hitachi Semiconductor

  2SA1194 Datasheet HTML 1Page - Hitachi Semiconductor 2SA1194 Datasheet HTML 2Page - Hitachi Semiconductor 2SA1194 Datasheet HTML 3Page - Hitachi Semiconductor 2SA1194 Datasheet HTML 4Page - Hitachi Semiconductor 2SA1194 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA1194(K)
3
–0.01
–200
–400
–600
–800
–1,000
Collector to emitter Voltage VCE (V)
0–6
–4
–8
–2
–10
Typical Output Characteristics
TC = 25°C
–1.0
–0.6
–0.4
–0.2
–0.1
–0.04
–0.06
–0.08
–0.02
–0.01 mA
–0.8
P
c
= 8
W
IB = 0
100
1,000
3,000
10,000
30,000
100,000
300
Collector current IC (mA)
–10
–1,000
–300
–100
–30
DC Current Transfer Ratio vs.
Collector Current
Ta = 75
°C
25
°C
VCE = –3 V
Pulse
–0.1
–0.3
–1.0
–3
–10
Collector current IC (mA)
–10
–30
–100
–300
–1,000
Saturation Voltage vs. Collector Current
Ta = 25
°C
lC = 500 lB
Pulse
75
°C
VBE (sat)
VCE (sat)
0.01
0.03
0.1
0.3
1.0
3
10
Collector current IC (mA)
–10
–30
–100
–300
–1,000
Switching Time vs. Collector Current
toff
ton
td
tstg
IC = 500 IB
Ta = 25
°C
VIN
VCC
VIN
VBB
6 V
IC
RL
R1
R2
lB1
lB2
50
+–
+–
D.U.T.
0.002
µ
0.002
µ
50
µ
50
µ
tr, tf
10ns
PW
10
µs
duty ratio
10%
Switching Time Test Circuit
0
10%
10%
10%
90%
90%
90%
Input
Output
–10 V
0
td
ton
toff
tstg
Response Waveform


유사한 부품 번호 - 2SA1194

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
2SA1194K NJSEMI-2SA1194K Datasheet
227Kb / 1P
   New Jersey Semi-Conductor Products,
More results

유사한 설명 - 2SA1194

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com