전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QK010LH5 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 QK010LH5
부품 상세설명  Alternistor Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

QK010LH5 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  QK010LH5 Datasheet HTML 1Page - List of Unclassifed Manufacturers QK010LH5 Datasheet HTML 2Page - List of Unclassifed Manufacturers QK010LH5 Datasheet HTML 3Page - List of Unclassifed Manufacturers QK010LH5 Datasheet HTML 4Page - List of Unclassifed Manufacturers QK010LH5 Datasheet HTML 5Page - List of Unclassifed Manufacturers QK010LH5 Datasheet HTML 6Page - List of Unclassifed Manufacturers QK010LH5 Datasheet HTML 7Page - List of Unclassifed Manufacturers QK010LH5 Datasheet HTML 8Page - List of Unclassifed Manufacturers QK010LH5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Alternistor Triacs
Data Sheets
http://www.littelfuse.com
E4 - 2
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
See “General Notes” and “Electrical Specification Notes” on page E4 - 5.
IT(RMS)
Part Number
VDRM
IGT
IDRM
Isolated
Non-isolated
(4)(16)
T0-220
TO-220
TO-251
V-Pak
TO-252
D-Pak
TO-263
D2Pak
(1)
Volts
(3) (7) (15) (17)
mAmps
(1) (18)
mAmps
QI
QII
QIII
TC =
25 °C
TC =
100 °C
TC =
125 °C
MAX
See “Package Dimensions” section for variations. (11)
MIN
MAX
MAX
6A
Q2006VH3
Q2006DH3
200
10
10
10
0.01
0.5
2
Q4006VH3
Q4006DH3
400
10
10
10
0.01
0.5
2
Q6006VH3
Q6006DH3
600
10
10
10
0.01
0.5
2
Q2006VH4
Q2006DH4
200
35
35
35
0.01
0.5
2
Q4006VH4
Q4006DH4
400
35
35
35
0.01
0.5
2
Q6006VH4
Q6006DH4
600
35
35
35
0.01
0.5
2
Q8006VH4
Q8006DH4
800
35
35
35
0.01
0.5
2
QK006VH4
QK006DH4
1000
35
35
35
0.02
2
Q2006LH4
Q2006RH4
Q2006NH4
200
35
35
35
0.01
0.5
2
Q4006LH4
Q4006RH4
Q4006NH4
400
35
35
35
0.01
0.5
2
Q6006LH4
Q6006RH4
Q6006NH4
600
35
35
35
0.01
0.5
2
Q8006LH4
Q8006RH4
Q8006NH4
800
35
35
35
0.01
0.5
2
QK006LH4
QK006RH4
QK006NH4
1000
35
35
35
0.02
3
8A
Q2008VH3
Q2008DH3
200
10
10
10
0.01
0.5
2
Q4008VH3
Q4008DH3
400
10
10
10
0.01
0.5
2
Q6008VH3
Q6008DH3
600
10
10
10
0.01
0.5
2
Q2008VH4
Q2008DH4
200
35
35
35
0.01
0.5
2
Q4008VH4
Q4008DH4
400
35
35
35
0.01
0.5
2
Q6008VH4
Q6008DH4
600
35
35
35
0.01
0.5
2
Q8008VH4
Q8008DH4
800
35
35
35
0.01
0.5
2
QK008VH4
QK008DH4
1000
35
35
35
0.02
2
Q2008LH4
Q2008RH4
Q2008NH4
200
35
35
35
0.01
0.5
2
Q4008LH4
Q4008RH4
Q4008NH4
400
35
35
35
0.01
0.5
2
Q6008LH4
Q6008RH4
Q6008NH4
600
35
35
35
0.01
0.5
2
Q8008LH4
Q8008RH4
Q8008NH4
800
35
35
35
0.01
0.5
2
QK008LH4
QK008RH4
QK008NH4
1000
35
35
35
0.02
3
10 A
Q2010LH5
Q2010RH5
Q2010NH5
200
50
50
50
0.01
0.5
2
Q4010LH5
Q4010RH5
Q4010NH5
400
50
50
50
0.01
0.5
2
Q6010LH5
Q6010RH5
Q6010NH5
600
50
50
50
0.01
0.5
2
Q8010LH5
Q8010RH5
Q8010NH5
800
50
50
50
0.01
0.5
2
QK010LH5
QK010RH5
QK010NH5
1000
50
50
50
0.02
3
12 A
Q2012LH5
Q2012RH5
Q2012NH5
200
50
50
50
0.01
0.5
2
Q4012LH5
Q4012RH5
Q4012NH5
400
50
50
50
0.01
0.5
2
Q6012LH5
Q6012RH5
Q6012NH5
600
50
50
50
0.01
0.5
2
Q8012LH5
Q8012RH5
Q8012NH5
800
50
50
50
0.01
0.5
2
QK012LH5
QK012RH5
QK012NH5
1000
50
50
50
0.02
3
MT1
MT2
G
MT1
G
MT2
MT2
MT2
MT2
G
MT1
MT2
MT2
MT1
G


유사한 부품 번호 - QK010LH5

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
QK010LH5 LITTELFUSE-QK010LH5 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
More results

유사한 설명 - QK010LH5

제조업체부품명데이터시트부품 상세설명
Teccor Electronics
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
Littelfuse
Littelfuse
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz