전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4032-B1 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 SI4032-B1
상세설명  Si4030/31/32 ISM TRANSMITTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SI4032-B1 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SI4032-B1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Si4030/31/32-B1
10
Rev 1.1
Table 4. Auxiliary Block Specifications1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Temperature Sensor
Accuracy2
TSA
After calibrated via sensor offset
register tvoffs[7:0]
—0.5
°C
Temperature Sensor
Sensitivity2
TSS
—5
mV/°C
Low Battery Detector
Resolution2
LBDRES
—50
mV
Low Battery Detector
Conversion Time2
LBDCT
—250
µs
Microcontroller Clock
Output Frequency
FMC
Configurable to 30 MHz,
15 MHz, 10 MHz, 4 MHz,
3MHz, 2MHz, 1MHz, or
32.768 kHz
32.768K
30M
Hz
General Purpose ADC
Resolution2
ADCENB
—8
bit
General Purpose ADC Bit
Resolution2
ADCRES
—4
mV/bit
Temp Sensor & General
Purpose ADC Conversion
Time2
ADCCT
—305
µs
30 MHz XTAL Start-Up time
t30M
Using XTAL and board layout in
reference design. Start-up time
will vary with XTAL type and
board layout.
—600
µs
30 MHz XTAL Cap
Resolution2
30MRES
—97
fF
32 kHz XTAL Start-Up Time2
t32k
—6
sec
32 kHz XTAL Accuracy
using 32 kHz XTAL2
32KRES
Using 20 ppm 32 kHz Crystal
100
ppm
32 kHz Accuracy using
Internal RC Oscillator2
32KRCRES
—2500
ppm
POR Reset Time
tPOR
—16
ms
Software Reset Time2
tsoft
—100
µs
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section on page 13.
2.
Guaranteed by qualification. Qualification test conditions are listed in the "Production Test Conditions" section on
page 13.


유사한 부품 번호 - SI4032-B1

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si4032-B1 SILABS-Si4032-B1 Datasheet
1Mb / 58P
   Remote control
SI4032-B1-FM SILABS-SI4032-B1-FM Datasheet
88Kb / 2P
   Frequency Range = 240??30 MHz
More results

유사한 설명 - SI4032-B1

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4430-B1 SILABS-SI4430-B1 Datasheet
804Kb / 74P
   Si4430/31/32 ISM TRANSCEIVER
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
RFM67W HOPE-RFM67W Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM67W-315S2 ETC2-RFM67W-315S2 Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
ams AG
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
   ISM 433 MHz ASK Transmitter
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com