전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMART1500RM2U 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SMART1500RM2U
상세설명  SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1500RM2U 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART1500RM2U Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1500RM2U Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1500RM2U Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1500RM2U Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1500RM2U Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1500RM2U Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1500RM2U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ships with 4 post rackmount installation hardware; Optional 2POSTRMKITWM enables 2 post rackmount/wallmount installation; Optional 2-9USTAND
enables tower placement
Built-in USB, RS-232 and optional SNMPWEBCARD accessory monitoring options
HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Included PowerAlert UPS monitoring software; Built-in Emergency Power Off (EPO) interface with cable
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1500
Output kVA capacity (kVA)
1.5
Output Watt Capacity (watts)
1350
Output kW capacity
1.35
Output power factor
0.9
Nominal Output Voltage(s)
Supported
120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
-21%, +8%
Output voltage regulation (Battery
mode)
+/- 5%
Built-in UPS output receptacles
8 5-15R outlet(s)
Built-in controllable switched load
banks
Two switchable two-outlet 5-15R load banks
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
Pure Sine wave
INPUT
Rated input current (at maximum
load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
Input circuit breaker
15A
UPS Input cord length (ft.)
10
UPS Input cord length (m)
3
Recommended Electrical Service
15A 120V
Phase
Single-Phase
BATTERY
2 / 6


유사한 부품 번호 - SMART1500RM2U

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART1500RM2U TRIPPLITE-SMART1500RM2U Datasheet
507Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack, LCD,USB, DB9 Serial
SMART1500RM2UL TRIPPLITE-SMART1500RM2UL Datasheet
172Kb / 6P
   SmartPro UPS, Lithium Battery Backup - 120V 1500VA / 1440W Line Interactive, 2U, Sine Wave, LCD
SMART1500RM2UN TRIPPLITE-SMART1500RM2UN Datasheet
508Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1500RM2U TRIPPLITE-SMART1500RM2U_15 Datasheet
507Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack, LCD,USB, DB9 Serial
More results

유사한 설명 - SMART1500RM2U

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
SMART1500RMXL2UA ETC2-SMART1500RMXL2UA Datasheet
518Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART5000TEL3U ETC2-SMART5000TEL3U Datasheet
521Kb / 6P
   SmartPro 5kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, 3U Rack/Tower, USB
SMX750SLT ETC2-SMX750SLT Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial
SMART1000RM2U ETC2-SMART1000RM2U Datasheet
516Kb / 7P
   SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART2200RM2U ETC2-SMART2200RM2U Datasheet
507Kb / 6P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART1500CRMXL ETC2-SMART1500CRMXL Datasheet
500Kb / 7P
   SmartPro 1.5kVA 1440W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMX500RT1U ETC2-SMX500RT1U Datasheet
490Kb / 5P
   SmartPro .5kVA Line Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
logo
Tripp Lite. All Rights ...
SMC15002URM TRIPPLITE-SMC15002URM Datasheet
186Kb / 6P
   SmartPro 120V 1.5kVA 1kW Line-Interactive Sine Wave UPS, 2U Rack/Tower, LCD, USB, DB9, 8 Outlets
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com